Electronic Components Datasheet Search
  English  ▼

X  

AD7401 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7401
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7401 Datasheet HTML 8Page - Analog Devices AD7401 Datasheet HTML 9Page - Analog Devices AD7401 Datasheet HTML 10Page - Analog Devices AD7401 Datasheet HTML 11Page - Analog Devices AD7401 Datasheet HTML 12Page - Analog Devices AD7401 Datasheet HTML 13Page - Analog Devices AD7401 Datasheet HTML 14Page - Analog Devices AD7401 Datasheet HTML 15Page - Analog Devices AD7401 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD7401
Rev. 0 | Page 12 of 20
TERMINOLOGY
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
and the ideal 1 LSB change between any two adjacent codes
in the ADC.
Integral Nonlinearity
Integral nonlinearity is the maximum deviation from a straight
line passing through the endpoints of the ADC transfer function.
The endpoints of the transfer function are specified negative
full-scale, −200 mV (VIN+ − VIN−), Code 12,288 for the 16-bit
level, and specified positive full-scale, +200 mV (VIN+ − VIN−),
Code 53,248 for the 16-bit level.
Offset Error
Offset is the deviation of the midscale code (Code 32,768 for
the 16-bit level) from the ideal VIN+ − VIN− (that is, 0 V).
Gain Error
This includes both positive full-scale gain error and negative
full-scale gain error. Positive full-scale gain error is the deviation of
the specified positive full-scale code (53,248 for the 16-bit level)
from the ideal VIN+ − VIN− (+200 mV) after the offset error has
been adjusted out. Negative full-scale gain error is the deviation
of the specified negative full-scale code (12,288 for the 16-bit
level) from the ideal VIN+ − VIN− (−200 mV) after the offset
error has been adjusted out. Gain error includes reference error.
Signal-to-(Noise + Distortion) Ratio
This ratio is the measured ratio of signal to (noise + distortion)
at the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the digitization
process; the more levels, the smaller the quantization noise. The
theoretical signal to (noise + distortion) ratio for an ideal N-bit
converter with a sine wave input is given by
Signal to (Noise + Distortion) = (6.02 N + 1.76) dB
Therefore, for a 12-bit converter, this is 74 dB.
Effective Number of Bits (ENOB)
The effective number of bits is defined by
ENOB = (SINAD − 1.76)/6.02
Total Harmonic Distortion (THD)
Total harmonic distortion is the ratio of the rms sum of
harmonics to the fundamental. For the AD7401, it is defined as
1
2
6
2
5
2
4
2
3
2
2
log
20
)
(
V
V
V
V
V
V
dB
THD
+
+
+
+
=
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through the sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2, excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is
determined by the largest harmonic in the spectrum, but for
ADCs where the harmonics are buried in the noise floor, it is a
noise peak.
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC output at
±200 mV frequency, f, to the power of a 200 mV p-p sine wave
applied to the common-mode voltage of VIN+ and VIN− of
frequency fS as
CMRR (dB) = 10log(Pf/PfS)
where:
Pf is the power at frequency f in the ADC output.
PfS is the power at frequency fS in the ADC output.
Power Supply Rejection (PSRR)
Variations in power supply affect the full-scale transition
but not the converter’s linearity. Power supply rejection is
the maximum change in the specified full-scale (±200 mV)
transition point due to a change in power supply voltage from
the nominal value (see Figure 6).
Isolation Transient Immunity
It specifies the rate of rise/fall of a transient pulse applied across
the isolation boundary beyond which clock or data is corrupted.
(It was tested using a transient pulse frequency of 100 kHz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com