Electronic Components Datasheet Search
  English  ▼

X  

AD7401 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7401
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7401 Datasheet HTML 10Page - Analog Devices AD7401 Datasheet HTML 11Page - Analog Devices AD7401 Datasheet HTML 12Page - Analog Devices AD7401 Datasheet HTML 13Page - Analog Devices AD7401 Datasheet HTML 14Page - Analog Devices AD7401 Datasheet HTML 15Page - Analog Devices AD7401 Datasheet HTML 16Page - Analog Devices AD7401 Datasheet HTML 17Page - Analog Devices AD7401 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD7401
Rev. 0 | Page 14 of 20
DIFFERENTIAL INPUTS
The analog input to the modulator is a switched capacitor
design. The analog signal is converted into charge by highly
linear sampling capacitors. A simplified equivalent circuit
diagram of the analog input is shown in Figure 24. A signal
source driving the analog input must be able to provide the
charge onto the sampling capacitors every half MCLKOUT cycle
and settle to the required accuracy within the next half cycle.
φA
φB
1kΩ
VIN–
φA
φB
φB
φB
1kΩ
VIN+
2pF
2pF
φA
φA
MCLKIN
Figure 24. Analog Input Equivalent Circuit
Because the AD7401 samples the differential voltage across its
analog inputs, low noise performance is attained with an input
circuit that provides low common-mode noise at each input.
The amplifiers used to drive the analog inputs play a critical role
in attaining the high performance available from the AD7401.
When a capacitive load is switched onto the output of an op
amp, the amplitude momentarily drops. The op amp tries to
correct the situation and, in the process, hits its slew rate limit.
This nonlinear response, which can cause excessive ringing, can
lead to distortion. To remedy the situation, a low-pass RC filter
can be connected between the amplifier and the input to the
AD7401. The external capacitor at each input aids in supplying
the current spikes created during the sampling process, and the
resistor isolates the op amp from the transient nature of the load.
The recommended circuit configuration for driving
the differential inputs to achieve best performance is shown in
Figure 25. A capacitor between the two input pins sources or
sinks charge to allow most of the charge that is needed by one
input to be effectively supplied by the other input. The series
resistor again isolates any op amp from the current spikes
created during the sampling process. Recommended values for
the resistors and capacitor are 22 Ω and 47 pF, respectively.
R
VIN–
R
VIN+
C
AD7401
Figure 25. Differential Input RC Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com