Electronic Components Datasheet Search
  English  ▼

X  

AD7401 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7401
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7401 Datasheet HTML 7Page - Analog Devices AD7401 Datasheet HTML 8Page - Analog Devices AD7401 Datasheet HTML 9Page - Analog Devices AD7401 Datasheet HTML 10Page - Analog Devices AD7401 Datasheet HTML 11Page - Analog Devices AD7401 Datasheet HTML 12Page - Analog Devices AD7401 Datasheet HTML 13Page - Analog Devices AD7401 Datasheet HTML 14Page - Analog Devices AD7401 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7401
Rev. 0 | Page 11 of 20
8
–8
–0.35
0.35
VIN–DC INPUT (V)
6
4
2
0
–2
–4
–6
–0.30 –0.25 –0.20 –0.15 –0.10 –0.05
0
0.05 0.10 0.15 0.20 0.25 0.30
VDD1 =VDD2 = 4.5V TO 5.25V
MCLKIN = 10MHz
MCLKIN = 5MHz
MCLKIN = 16MHz
Figure 18. IIN vs. VIN
0
–120
0.1
1000
RIPPLE FREQUENCY (kHz)
–20
–40
–60
–80
–100
1
10
100
VDD1 =VDD2 =5V
VDD1 =VDD2 =5V
MCLKIN = 16MHz
MCLKIN = 5MHz
MCLKIN = 10MHz
Figure 19. CMRR vs. Common-Mode Ripple Frequency
1.0
0
DC INPUT (V)
–0.30 –0.25 –0.20 –0.15 –0.10 –0.05
0
0.05 0.10 0.15 0.20 0.25 0.30
0.8
0.6
0.4
0.2
VDD1 =VDD2 =5V
50kHz BRICK WALL FILTER
MCLKIN = 5MHz
MCLKIN = 10MHz
MCLKIN = 16MHz
Figure 20. RMS Noise Voltage vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com