Electronic Components Datasheet Search
  English  ▼

X  

AD7401 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7401
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7401 Datasheet HTML 12Page - Analog Devices AD7401 Datasheet HTML 13Page - Analog Devices AD7401 Datasheet HTML 14Page - Analog Devices AD7401 Datasheet HTML 15Page - Analog Devices AD7401 Datasheet HTML 16Page - Analog Devices AD7401 Datasheet HTML 17Page - Analog Devices AD7401 Datasheet HTML 18Page - Analog Devices AD7401 Datasheet HTML 19Page - Analog Devices AD7401 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD7401
Rev. 0 | Page 17 of 20
APPLICATION INFORMATION
GROUNDING AND LAYOUT
Supply decoupling with a value of 100 nF is strongly recom-
mended on both VDD1 and VDD2. Decoupling on one or both
VDD1 pins does not affect performance significantly. In applications
involving high common-mode transients, care should be taken
to ensure that board coupling across the isolation barrier is
minimized. Furthermore, the board layout should be designed
so that any coupling that occurs equally affects all pins on a
given component side. Failure to ensure this could cause voltage
differentials between pins to exceed the device’s absolute
maximum ratings, thereby leading to latch-up or permanent
damage. Any decoupling used should be placed as close to the
supply pins as possible.
Series resistance in the analog inputs should be minimized to
avoid any distortion effects, especially at high temperatures. If
possible, equalize the source impedance on each analog input to
minimize offset. Beware of mismatch and thermocouple effects
on the analog input PCB tracks to reduce offset drift.
EVALUATING THE AD7401 PERFORMANCE
A simple standalone AD7401 evaluation board is available with
split ground planes and a board split beneath the AD7401
package to ensure isolation. This board allows access to each
pin on the device for evaluation purposes. External supplies and
all other circuitry (such as a digital filter) must be provided by
the user.
INSULATION LIFETIME
All insulation structures, subjected to sufficient time and/or
voltage, are vulnerable to breakdown. In addition to the testing
performed by the regulatory agencies, ADI has carried out an
extensive set of evaluations to determine the lifetime of the
insulation structure within the AD7401.
These tests subjected populations of devices to continuous
cross-isolation voltages. To accelerate the occurrence of failures,
the selected test voltages were values exceeding those of normal
use. The time to failure values of these units were recorded and
used to calculate acceleration factors. These factors were then
used to calculate the time to failure under normal operating
conditions. The values shown in Table 7 are the lesser of the
following two values:
•
The value that ensures at least a 50-year lifetime of
continuous use.
•
The maximum CSA/VDE approved working voltage.
It should also be noted that the lifetime of the AD7401 varies
according to the waveform type imposed across the isolation
barrier. The iCoupler insulation structure is stressed differently
depending on whether the waveform is bipolar ac, unipolar ac,
or dc. Figure 30, Figure 31, and Figure 32 illustrate the different
isolation voltage waveforms.
0V
RATED PEAK VOLTAGE
Figure 30.
0V
RATED PEAK VOLTAGE
Figure 31.
0V
RATED PEAK VOLTAGE
Figure 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com