Electronic Components Datasheet Search
  English  ▼

X  

MF0AES2001DUD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MF0AES2001DUD
Description  MIFARE Ultralight AES contactless limited-use IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0AES2001DUD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MF0AES2001DUD Datasheet HTML 17Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 18Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 19Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 20Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 21Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 22Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 23Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 24Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
NXP Semiconductors
MF0AES(H)20
MIFARE Ultralight AES contactless limited-use IC
Bit number
7
6
5
4
3
2
1
0
LOCK_
AES_KEY1
LOCK_
AES_KEY0
BLOCK_
LOCK_KEY
-
-
-
-
-
Table 14. Lock keys LOCK_Keys configuration byte
Field
Bit(s) Default
value
Description
RID_ACT
1
0b
Enables or disables the RandomID functionality.
0b ... RandomID disabled (default)
1b ... RandomID enabled
To activate RID new power-on cycle is needed.
AUTH0
7
3Ch
AUTH0 defines the page address from which the AES authentication is required.
Valid address range for byte AUTH0 is from 00h to 3Bh. If AUTH0 is set to a page
address outside of the valid address range, the AES authentication protection is
effectively disabled.
PROT
1
1b
Configures the data access restrictions without authentication
0b … write access restricted, but read access allowed
1b … read and write access restricted
CNT_INC_EN
1
1b
Configuration option to allow a counter increment of counter "0x02" in ACTIVE or
TRACEABLE state
0b … Counter increment allowed only in AUTHENTICATE state
1b … Counter increment allowed on top of AUTHENTICATE also in ACTIVE or
TRACEABLE state
CNT_RD_EN
1
1b
Configuration option to read of counter "0x02" in ACTIVE or TRACEABLE state
0b ... Counter read allowed only in AUTHENTICATE state
1b ... Counter read allowed on top of AUTHENTICATE also in ACTIVE or TRA
CEABLE state
VCTID
8
00000101b
Supports the virtual card architecture by replying to a Virtual Card Select Last
(VCSL) command with defined Virtual Card Type IDentifier (VCTID) answer.
00000101b ... 05h (default)
AUTH_LIM
10
000h
Limitation of failed AES authentications
000h ... limit of failed AES authentication attempts disabled (default)
001h - 3FEh ... up to 1022 negative AES authentication attempts allowed
LOCK_AES_
KEY0
1
0b
LOCK_AES_KEY0 permanently locks the AES_KEY0 in pages 30h-33h.
0b … AES_KEY0 is not locked
1b … AES_KEY0 is locked
Remark: Bit can only be set once. There is no command to set it back to
unlocked.
LOCK_AES_
KEY1
1
0b
LOCK_AES_KEY1 permanently locks the AES_KEY1 in blocks 34h-37h.
0b ... AES_KEY1 is not locked
1b ... AES_KEY1 is locked
Remark: Bit can only be set once. There is no command to set it back to
unlocked.
BLOCK_LOCK_
KEY
1
0b
BLOCK_LOCK_KEY permanently locks the LOCK_AES_KEY0 and LOCK_AES_
KEY1.
Table 15. Configuration parameter descriptions
MF0AES_H_20
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 28 March 2023
21 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com