Electronic Components Datasheet Search
  English  ▼

X  

MF0AES2001DUD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MF0AES2001DUD
Description  MIFARE Ultralight AES contactless limited-use IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0AES2001DUD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MF0AES2001DUD Datasheet HTML 4Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 5Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 6Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 7Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 8Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 9Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 10Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 11Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
NXP Semiconductors
MF0AES(H)20
MIFARE Ultralight AES contactless limited-use IC
5 Ordering information
Type number
Package Description
Memory Input
cap
UID
MF0AES2001DUD
FFC
8 inch wafer (laser diced, 120 µm) [1]
144 byte 17 pF 7 byte
MF0AES2001DUF
FFC
8 inch wafer (laser diced, 75 µm) [1]
144 byte 17 pF 7 byte
MF0AES2000DA8
MOA8
Plastic leadless module carrier package [2]
144 byte 17 pF 7 byte
MF0AESH2001DUD
FFC
8 inch wafer (laser diced, 120 µm) [1]
144 byte 50 pF 7 byte
MF0AESH2001DUF
FFC
8 inch wafer (laser diced, 75 µm) [1]
144 byte 50 pF 7 byte
MF0AESH2000DA8
MOA8
Plastic leadless module carrier package [2]
144 byte 50 pF 7 byte
Table 3. Ordering information MF0AES(H)xy
[1]
On FFC (Film Frame Carrier) with electronic fail die marking according to SECSII format
[2]
Plastic leadless module carrier package; 35 mm wide tape
MF0AES_H_20
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 28 March 2023
8 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com