Electronic Components Datasheet Search
  English  ▼

X  

MF0AES2001DUD Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MF0AES2001DUD
Description  MIFARE Ultralight AES contactless limited-use IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0AES2001DUD Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MF0AES2001DUD Datasheet HTML 23Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 24Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 25Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 26Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 27Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 28Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 29Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 30Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
NXP Semiconductors
MF0AES(H)20
MIFARE Ultralight AES contactless limited-use IC
aaa-043540
SesAuthMACKey
RndA
Authentication
RndB
KDF
SesAuthMACKey
RndA
AES Key Kx
AES Key Kx
PICC
PCD
RndB
KDF
Figure 9.  Session key generation for Secure Messaging
Session key generation is according to NIST Special Publication 800-108 in counter mode, see [17].
The KDF (Key Derivation Function) is the Pseudo Random Function (PRF) applied during the key generation is
the CMAC algorithm described in NIST Special Publication 800-38B, see [15]. The key derivation key is the key
Kx that was applied during authentication. The generated key is also an AES 128-bit key.
Note that NIST SP 800-108 allows defining a different order than proposed by the standard as long as it is
unambiguously defined. The input data is constructed using the following fields:
• a 2-byte label, distinguishing the purpose of the key: 5AA5h for MACing
• a 2-byte counter, fixed to 0001h as only 128-bit keys are generated.
• a 2-byte length, fixed to 0080h as only 128-bit keys are generated.
• a 26-byte context, constructed using the two random numbers exchanged, RndA and RndB
With that input data specification, the 32-byte input session vector SV2 is derived as follows:
SV2 = 5Ah||A5h||00h||01h||00h||80h||RndA[15..14]|| RndA[13..8] XOR RndB[15..10])||RndB[9..0]||RndA[7..0]
with || indicating concatenation operator.
Then, the 16-byte session key is constructed as follows:
SesAuthMACKey = PRF(Kx; SV2)
8.8.2 CMAC Calculation for data integrity
The Cipher-based Message Authentication Codes (CMAC) are calculated using the underlying block cipher
according to the CMAC standard described in NIST Special. Publication 800-38B, see [15]. Padding is applied
according to the standard.
8.8.3 CMAC Communication Mode
PCD communicating with MIFARE Ultralight AES in MAC communication mode shall calculate MAC over:
• 2-bytes of Command Counter - CmdCtr
MF0AES_H_20
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 28 March 2023
27 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com