Electronic Components Datasheet Search
  English  ▼

X  

MF0AES2001DUD Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MF0AES2001DUD
Description  MIFARE Ultralight AES contactless limited-use IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0AES2001DUD Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MF0AES2001DUD Datasheet HTML 35Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 36Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 37Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 38Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 39Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 40Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 41Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 42Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
NXP Semiconductors
MF0AES(H)20
MIFARE Ultralight AES contactless limited-use IC
10.4 WRITE
The WRITE command requires a block address, and writes 4 bytes of data into the addressed MIFARE
Ultralight AES page. The WRITE command is shown in Figure 14.
Table 35 shows the required timing.
aaa-006286
CRC
Addr
PCD
Cmd
PICC ,,ACK''
PICC ,,NAK''
NAK
Time out
TimeOut
NAK
ACK
Data
CMAC CRC
FDTACK
FDT
TACK
TNAK
TCMD
FDTACK
TACK
CMAC
Figure 14. WRITE
Name
Code
Description
Length
Cmd
A2h
write one page
1 byte
Addr
-
page address
1 byte
Data
-
data
4 bytes
[CMAC]
-
Optional: If secure messaging is enabled by set
of SEC_MSG_ACT
[8 bytes]
CRC
-
CRC according to [2]
2 bytes
Table 33. WRITE command
Name
Code
Description
Length
ACK / NAK
see Table 21
see Section 9.3
4-bit
[CMAC]
-
Optional: If secure messaging is enabled by
set of SEC_MSG_ACT. Note that the ACK is
replaced by a MAC, calculated over just the
CmdCtr, and CRC calculated over the MAC
bytes.
[8 bytes]
[CRC]
-
CRC according to [2]
[2 bytes]
Table 34. WRITE response
MF0AES_H_20
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 28 March 2023
39 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com