Electronic Components Datasheet Search
  English  ▼

X  

MF0AES2001DUD Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MF0AES2001DUD
Description  MIFARE Ultralight AES contactless limited-use IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0AES2001DUD Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MF0AES2001DUD Datasheet HTML 40Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 41Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 42Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 43Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 44Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 45Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 46Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 47Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
NXP Semiconductors
MF0AES(H)20
MIFARE Ultralight AES contactless limited-use IC
These times exclude the end of communication of the PCD.
Without secure messaging
With secure messaging
FDTACK min
n=9 [1]
FDTACK max
TTimeOut
FDTNAK min
n=9
FDTNAK max
TTimeOut
TimeOut
5 ms
TCMD
708 µs
1388 µs
TACK
57 µs
869 µs
TNAK
57 µs
Table 41. INCR_CNT timing
[1]
Refer to Section 9.2
The increment value argument is a 4-byte field to support the same command structure as the WRITE
command. As the counter width is only 3 byte, the last transmitted, most significant byte is ignored.
Any increment value is allowed. The final counter value is FFFFFFh. No further increment is possible after the
final value is reached. Also, trying to increment the current value by a number which would exceed the final
value leads to a NAK response and the counter remains unchanged. An increment by 0 is allowed and leaves
the counter unchanged.
The order of bytes in the increment argument follows the same order that the bytes are sent via the
communication interface. This means from the LSB (IncrValue0) to MSB (IncValue3), where the last valid byte is
actually IncrValue2. As an example, an increment of the counter 00h by 01h, is formulated as INCR CNT 00 01
00 00 00.
If secure messaging enabled, a CMAC on the INCR_CNT command is required.
MF0AES_H_20
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 28 March 2023
44 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com