Electronic Components Datasheet Search
  English  ▼

X  

MF0AES2001DUD Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MF0AES2001DUD
Description  MIFARE Ultralight AES contactless limited-use IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0AES2001DUD Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MF0AES2001DUD Datasheet HTML 45Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 46Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 47Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 48Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 49Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 50Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 51Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 52Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
NXP Semiconductors
MF0AES(H)20
MIFARE Ultralight AES contactless limited-use IC
10.9 LOCK_SIG
The LOCK_SIG command allows the user to unlock, lock or permanently lock the dedicated originality signature
memory. The originality signature can only be unlocked, if the originality signature is not permanently locked.
There is no command to unlock the originality signature, if the originality signature is permanently locked. The
LOCK_SIG command is shown in Figure 19.
Table 51 shows the required timing.
aaa-022904
ACK
Cmd
TACK
TNAK
TimeOut
Time out
Arg
CRC
NAK
CMAC
CMAC CRC
NAK
FDTACK
FDT
TCMD
TACK
FDTACK
PICC ,,ACK''
PICC ,,NAK''
PCD
Figure 19. LOCK_SIG command
Name
Code
Description
Length
Cmd
ACh
lock signature
1 byte
locking action
1 byte
00h - unlock
1 byte
01h - lock
1 byte
Arg
-
02h - permanently lock
1 byte
[CMAC]
-
Optional: If secure messaging is enabled by set
of SEC_MSG_ACT
[8 bytes]
CRC
-
CRC according to [2]
2 bytes
Table 49. LOCK_SIG command
Name
Code
Description
Length
ACK
see Table 21
see Section 9.3
4 bits
[CMAC]
-
Optional: If secure messaging is enabled by
set of SEC_MSG_ACT. Note that the ACK is
replaced by a MAC, calculated over just the
CmdCtr, and CRC calculated over the MAC
bytes.
[8 bytes]
[CRC]
-
CRC according to [2]
[2 bytes]
Table 50. LOCK_SIG response
MF0AES_H_20
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 28 March 2023
49 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com