Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 1 Page - Texas Instruments

  OPA992 Datasheet HTML 1Page - Texas Instruments OPA992 Datasheet HTML 2Page - Texas Instruments OPA992 Datasheet HTML 3Page - Texas Instruments OPA992 Datasheet HTML 4Page - Texas Instruments OPA992 Datasheet HTML 5Page - Texas Instruments OPA992 Datasheet HTML 6Page - Texas Instruments OPA992 Datasheet HTML 7Page - Texas Instruments OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output,
Low Offset Voltage, Low Noise Op Amp
1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 2A
– Device CDM ESD classification level C6
• Low offset voltage: ±210 µV
• Low offset voltage drift: ±0.25 µV/°C
• Low noise: 7 nV/√Hz at 1 kHz, 4.4 nV/√Hz
broadband
• High common-mode rejection: 115 dB
• Low bias current: ±10 pA
• Rail-to-rail input and output
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 10.6-MHz GBW, unity-gain stable
• High slew rate: 32 V/µs
• Low quiescent current: 2.4 mA per amplifier
• Wide supply: ±1.35 V to ±20 V, 2.7 V to 40 V
• Robust EMIRR performance
2 Applications
• Automotive head unit
• Automotive external amplifier
• Emergency call (eCall)
• Telematics control unit (TCU)
• Traction inverter
• HEV/EV on-board and wireless charger (OBC)
• HEV/EV DC/DC converter
• High-side and low-side current sensing
3 Description
The OPAx992-Q1 family (OPA992-Q1, OPA2992-Q1,
and OPA4992-Q1) is a family of high voltage (40 V)
general purpose operational amplifiers. These devices
offer excellent DC precision and AC performance,
including rail-to-rail input or output, low offset (±210
µV, typical), low offset drift (±0.25 µV/°C, typical) and
low noise (7 nV/√Hz at 1 kHz, 4.4 nV/√Hz at 10 kHz).
Features such as differential and common-mode input
voltage ranges to the supply rails, high short-circuit
current (±65 mA), and high slew rate (32 V/µs)
make the OPAx992-Q1 a flexible, robust, and high-
performance op amp for high-voltage automotive
applications.
The OPAx992-Q1 family of op amps is available in
standard packages (such as SOIC, TSSOP, VSSOP,
SOT-23, and SC70), and is specified from –40°C to
125°C.
Package Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
OPA992-Q1
DCK (SC70, 5)
2.00 mm × 1.25 mm
DBV (SOT-23, 5)
2.90 mm × 1.60 mm
OPA2992-Q1
DGK (VSSOP, 8)
3.00 mm × 3.00 mm
D (SOIC, 8)
4.90 mm × 3.90 mm
OPA4992-Q1
PW (TSSOP, 14)
5.00 mm × 4.40 mm
D (SOIC, 14)
8.65 mm × 3.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
OPAx992-Q1
OPAx992-Q1
OPAx992-Q1 in Current-Sensing Applications
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - OPA992

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA992 TI-OPA992 Datasheet
2Mb / 27P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA992 TI-OPA992 Datasheet
4Mb / 64P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED OCTOBER 2021
OPA992 TI-OPA992 Datasheet
5Mb / 68P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
DECEMBER 2021
OPA992 TI-OPA992 Datasheet
4Mb / 70P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
OPA992 TI-OPA992 Datasheet
2Mb / 38P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
More results

Similar Description - OPA992

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2992-Q1 TI-OPA2992-Q1 Datasheet
2Mb / 36P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
OPA992-Q1 TI-OPA992-Q1_V01 Datasheet
2Mb / 38P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
OPA992-Q1 TI-OPA992-Q1_V02 Datasheet
2Mb / 41P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
OPA992-Q1 TI1-OPA992-Q1_V04 Datasheet
2Mb / 47P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED JANUARY 2023
OPA992-Q1 TI1-OPA992-Q1_V05 Datasheet
2Mb / 48P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED JANUARY 2023
OPA992-Q1 TI-OPA992-Q1_V06 Datasheet
2Mb / 48P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED FEBRUARY 2023
OPA992-Q1 TI-OPA992-Q1_V07 Datasheet
2Mb / 50P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA992-Q1 TI-OPA992-Q1_V08 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA992-Q1 TI-OPA992-Q1_V09 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
APRIL 2023
OPA992-Q1 TI-OPA992-Q1_V11 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com