Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 24Page - Texas Instruments OPA992 Datasheet HTML 25Page - Texas Instruments OPA992 Datasheet HTML 26Page - Texas Instruments OPA992 Datasheet HTML 27Page - Texas Instruments OPA992 Datasheet HTML 28Page - Texas Instruments OPA992 Datasheet HTML 29Page - Texas Instruments OPA992 Datasheet HTML 30Page - Texas Instruments OPA992 Datasheet HTML 31Page - Texas Instruments OPA992 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set
from 0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest shunt resistor is
defined using Equation 2:
RSHUNT = VSHUNT_MAX
ILOAD_MAX  = 100 mV1 A = 100 mΩ
(2)
Using Equation 2, RSHUNT is calculated to be 100 mΩ. The voltage drop produced by ILOAD and RSHUNT is
amplified by the OPA992-Q1 to produce an output voltage of 0 V to 4.9 V. The gain needed by the OPA992-Q1
to produce the necessary output voltage is calculated using Equation 3:
Gain = VOUT_MAX  − VOUT_MIN
VIN_MAX − VIN_MIN   
(3)
Using Equation 3, the required gain is calculated to be 49 V/V, which is set with resistors RF and RG. Equation 4
is used to size the resistors, RF and RG, to set the gain of the OPA992-Q1 to 49 V/V.
Gain = 1 + RFRG 
(4)
Choosing RF as 5.76 kΩ, RG is calculated to be 120 Ω. RF and RG were chosen as 5.76 kΩ and 120 Ω because
the values are standard value resistors that create a 49:1 ratio. Other resistors that create a 49:1 ratio can also
be used. However, excessively large resistors generate thermal noise that exceeds the intrinsic noise of the op
amp. Figure 8-2 shows the measured transfer function of the circuit shown in Figure 8-1.
8.2.1.3 Application Curve
ILOAD (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
Figure 8-2. Low-Side, Current-Sense, Transfer Function
8.3 Power Supply Recommendations
The OPAx992-Q1 is specified for operation from 2.7 V to 40 V (±1.35 V to ±20 V); many specifications apply
from –40°C to 125°C or with specific supply voltages and test conditions.
CAUTION
Supply voltages larger than 40 V can permanently damage the device; see Section 6.1.
Place 0.1-µF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or
high-impedance power supplies. For more detailed information on bypass capacitor placement, refer to Section
8.4.
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com