Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 19Page - Texas Instruments OPA992 Datasheet HTML 20Page - Texas Instruments OPA992 Datasheet HTML 21Page - Texas Instruments OPA992 Datasheet HTML 22Page - Texas Instruments OPA992 Datasheet HTML 23Page - Texas Instruments OPA992 Datasheet HTML 24Page - Texas Instruments OPA992 Datasheet HTML 25Page - Texas Instruments OPA992 Datasheet HTML 26Page - Texas Instruments OPA992 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
7.3.5 Common-Mode Voltage Range
The OPAx992-Q1 is a 40-V, true rail-to-rail input operational amplifier with an input common-mode range
that extends to both supply rails. This wide range is achieved with paralleled complementary N-channel and
P-channel differential input pairs, as shown in Figure 7-8. The N-channel pair is active for input voltages close
to the positive rail, typically from (V+) – 1 V to the positive supply. The P-channel pair is active for inputs from
the negative supply to approximately (V+) – 2 V. There is a small transition region, typically (V+) – 2 V to (V+)
– 1 V, in which both input pairs are on. This transition region can vary modestly with process variation. Within
this region PSRR, CMRR, offset voltage, offset drift, noise, and THD performance may be degraded compared
to operation outside this region.
Figure 6-5 shows this transition region for a typical device in terms of input voltage offset in more detail.
For more information on common-mode voltage range and PMOS/NMOS pair interaction, see Op Amps With
Complementary-Pair Input Stages application note.
NMOS
PMOS
PMOS
NMOS
V-
V+
IN+
IN-
Figure 7-8. Rail-to-Rail Input Stage
7.3.6 Phase Reversal Protection
The OPAx992-Q1 family has internal phase-reversal protection. Many op amps exhibit a phase reversal when
the input is driven beyond the linear common-mode range. This condition is most often encountered in non-
inverting circuits when the input is driven beyond the specified common-mode voltage range, causing the output
to reverse into the opposite rail. The OPAx992-Q1 is a rail-to-rail input op amp; therefore, the common-mode
range can extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output
limits into the appropriate rail. Figure 7-9 shows this performance. For more information on phase reversal, see
Op Amps With Complementary-Pair Input Stages application note.
Time (25µs/div)
D031
Input
Output
Figure 7-9. No Phase Reversal
www.ti.com
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com