Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments OPA992 Datasheet HTML 17Page - Texas Instruments OPA992 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ (unless otherwise noted)
Time (1s/div)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
D025
Figure 6-25. 0.1-Hz to 10-Hz Noise
Frequency (Hz)
1
10
100
10
100
1k
10k
D007
Figure 6-26. Input Voltage Noise Spectral Density vs Frequency
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
0
0.4
0.8
1.2
1.6
2
2.4
2.8
D026
VCM = V–
Figure 6-27. Quiescent Current vs Supply Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
D24_
Vs=2.7V
Vs=5V
Vs=40V
VCM = V–
Figure 6-28. Quiescent Current vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
100
105
110
115
120
125
130
135
140
145
D028
VS = 2.7V
VS = 5V
VS = 40V
Figure 6-29. Open-Loop Voltage Gain vs Temperature (dB)
Frequency (Hz)
0.1
1
10
100
1000
100
1k
10k
100k
1M
10M
D099
Figure 6-30. Open-Loop Output Impedance vs Frequency
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com