Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 9Page - Texas Instruments OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments OPA992 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ (unless otherwise noted)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V-
V- + 1V
V- + 2V
V- + 3V
V- + 4V
V- + 5V
D050
-40°C
25°C
125°C
VS = 5 V
Figure 6-19. Output Voltage Swing vs Output Current (Sinking)
Frequency (Hz)
0
15
30
45
60
75
90
105
120
1k
10k
100k
1M
10M
D006
CMRR
PSRR+
PSRR-
Figure 6-20. CMRR and PSRR vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
60
80
100
120
140
D023
VS = 40 V
Figure 6-21. CMRR vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
60
80
100
120
140
D051
VS = 5 V
Figure 6-22. CMRR vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
60
80
100
120
140
D052
VS = 2.7 V
Figure 6-23. CMRR vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.01
0.1
1
10
100
80
100
120
140
160
D024
Figure 6-24. PSRR vs Temperature
www.ti.com
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com