Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 7Page - Texas Instruments OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ (unless otherwise noted)
Common-Mode Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
D016
TA = 125°C
Data from 74 amplifiers
Figure 6-7. Offset Voltage vs Common-Mode Voltage
Common-Mode Voltage (V)
16
16.5
17
17.5
18
18.5
19
19.5
20
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
D061
TA = 125°C
Data from 74 amplifiers
Figure 6-8. Offset Voltage vs Common-Mode Voltage (Transition
Region)
Common-Mode Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
D017
TA = –40°C
Data from 74 amplifiers
Figure 6-9. Offset Voltage vs Common-Mode Voltage
Common-Mode Voltage (V)
16
16.5
17
17.5
18
18.5
19
19.5
20
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
D062
TA = –40°C
Data from 74 amplifiers
Figure 6-10. Offset Voltage vs Common-Mode Voltage
(Transition Region)
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
-500
-400
-300
-200
-100
0
100
200
300
400
500
D018
VCM = V–
Data from 74 amplifiers
Figure 6-11. Offset Voltage vs Power Supply
Frequency (Hz)
-45
-30
-15
0
15
30
45
60
75
100
1k
10k
100k
1M
10M
D005
G=-1
G=1
G=11
G=101
G=1001
Figure 6-12. Closed-Loop Gain vs Frequency
www.ti.com
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com