Electronic Components Datasheet Search
  English  ▼

X  

PCA9547 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCA9547
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9547 Datasheet(HTML) 5 Page - Texas Instruments

  PCA9547 Datasheet HTML 1Page - Texas Instruments PCA9547 Datasheet HTML 2Page - Texas Instruments PCA9547 Datasheet HTML 3Page - Texas Instruments PCA9547 Datasheet HTML 4Page - Texas Instruments PCA9547 Datasheet HTML 5Page - Texas Instruments PCA9547 Datasheet HTML 6Page - Texas Instruments PCA9547 Datasheet HTML 7Page - Texas Instruments PCA9547 Datasheet HTML 8Page - Texas Instruments PCA9547 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
PCA9547_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 September 2006
5 of 26
Philips Semiconductors
PCA9547
8-channel I2C-bus multiplexer with reset
5.2 Pin description
[1]
HVQFN package die supply ground is connected to both the VSS pin and the exposed center pad. The VSS
pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical, and
board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the PCB in the thermal pad region.
Table 3.
Pin description
Symbol
Pin
Description
SO, TSSOP
HVQFN
A0
1
22
address input 0
A1
2
23
address input 1
RESET
3
24
active LOW reset input
SD0
4
1
serial data output 0
SC0
5
2
serial clock output 0
SD1
6
3
serial data output 1
SC1
7
4
serial clock output 1
SD2
8
5
serial data output 2
SC2
9
6
serial clock output 2
SD3
10
7
serial data output 3
SC3
11
8
serial clock output 3
VSS
12
9[1]
supply ground
SD4
13
10
serial data output 4
SC4
14
11
serial clock output 4
SD5
15
12
serial data output 5
SC5
16
13
serial clock output 5
SD6
17
14
serial data output 6
SC6
18
15
serial clock output 6
SD7
19
16
serial data output 7
SC7
20
17
serial clock output 7
A2
21
18
address input 2
SCL
22
19
serial clock line
SDA
23
20
serial data line
VDD
24
21
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com