Electronic Components Datasheet Search
  English  ▼

X  

PCA9547 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCA9547
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9547 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCA9547 Datasheet HTML 18Page - Texas Instruments PCA9547 Datasheet HTML 19Page - Texas Instruments PCA9547 Datasheet HTML 20Page - Texas Instruments PCA9547 Datasheet HTML 21Page - Texas Instruments PCA9547 Datasheet HTML 22Page - Texas Instruments PCA9547 Datasheet HTML 23Page - Texas Instruments PCA9547 Datasheet HTML 24Page - Texas Instruments PCA9547 Datasheet HTML 25Page - Texas Instruments PCA9547 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
PCA9547_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 September 2006
24 of 26
Philips Semiconductors
PCA9547
8-channel I2C-bus multiplexer with reset
15. Revision history
Table 13.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9547_2
20060912
Product data sheet
-
PCA9547_1
Modifications:
• changed Section 4 “Marking” to Section 3.1 “Ordering options”
• Section 6.3 “RESET input”, second sentence: changed symbol “tWL” to “tw(rst)L”
• Table 6 “Static characteristics” and Table 7 “Static characteristics”: changed parameter
description of symbol Ron from “multiplexer resistance” to “ON-state resistance” (moved
“multiplexer” to Conditions column)
• Table 6 “Static characteristics”, sub-section “Pass gate”, symbol Ron, first Conditions row:
changed “VDD = 3.67 V” to “VDD = 3.6 V”
• Table 8 “Dynamic characteristics”: changed symbol/parameter “tREC:STA, recovery time to START
condition” to “trec(rst), reset recovery time”
• added new Figure 16 “Definition of RESET timing”
• (old) Section 12 “Application information” moved to Section 8 “Application design-in information”
• Figure 14 “Typical application” modified at power supply connections between bus master and
PCA9547
PCA9547_1
(9397 750 13369)
20051005
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com