Electronic Components Datasheet Search
  English  ▼

X  

PCA9547 Datasheet(PDF) 18 Page - Texas Instruments

Part # PCA9547
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9547 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCA9547 Datasheet HTML 14Page - Texas Instruments PCA9547 Datasheet HTML 15Page - Texas Instruments PCA9547 Datasheet HTML 16Page - Texas Instruments PCA9547 Datasheet HTML 17Page - Texas Instruments PCA9547 Datasheet HTML 18Page - Texas Instruments PCA9547 Datasheet HTML 19Page - Texas Instruments PCA9547 Datasheet HTML 20Page - Texas Instruments PCA9547 Datasheet HTML 21Page - Texas Instruments PCA9547 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
PCA9547_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 September 2006
18 of 26
Philips Semiconductors
PCA9547
8-channel I2C-bus multiplexer with reset
12. Package outline
Fig 17. SO24 package outline (SOT137-1)
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
2.65
0.3
0.1
2.45
2.25
0.49
0.36
0.32
0.23
15.6
15.2
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.1
0.4
SOT137-1
X
12
24
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
c
L
v M A
13
(A )
3
A
y
0.25
075E05
MS-013
pin 1 index
0.1
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.61
0.60
0.30
0.29
0.05
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
e
1
0
5
10 mm
scale
SO24: plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
99-12-27
03-02-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com