Electronic Components Datasheet Search
  English  ▼

X  

PCA9547 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCA9547
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9547 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9547 Datasheet HTML 3Page - Texas Instruments PCA9547 Datasheet HTML 4Page - Texas Instruments PCA9547 Datasheet HTML 5Page - Texas Instruments PCA9547 Datasheet HTML 6Page - Texas Instruments PCA9547 Datasheet HTML 7Page - Texas Instruments PCA9547 Datasheet HTML 8Page - Texas Instruments PCA9547 Datasheet HTML 9Page - Texas Instruments PCA9547 Datasheet HTML 10Page - Texas Instruments PCA9547 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PCA9547_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 September 2006
7 of 26
Philips Semiconductors
PCA9547
8-channel I2C-bus multiplexer with reset
6.3 RESET input
The RESET input is an active LOW signal which may be used to recover from a bus fault
condition. By asserting this signal LOW for a minimum of tw(rst)L, the PCA9547 will reset its
register and I2C-bus state machine and will deselect all channels except channel 0. The
RESET input must be connected to VDD through a pull-up resistor.
6.4 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9547 in
a reset condition until VDD has reached VPOR. At this point, the reset condition is released
and the PCA9547 register and I2C-bus state machine are initialized to their default states,
causing all the channels to be deselected except channel 0. Thereafter, VDD must be
lowered below 0.2 V to reset the device.
Table 4.
Control register
Write = channel selection; Read = channel status
D7
D6
D5
D4
B3
B2
B1
B0
Command
X
X
X
X
0
X
X
X
no channel selected
X
X
X
X
1
0
0
0
channel 0 enabled
X
X
X
X
1
0
0
1
channel 1 enabled
X
X
X
X
1
0
1
0
channel 2 enabled
X
X
X
X
1
0
1
1
channel 3 enabled
X
X
X
X
1
1
0
0
channel 4 enabled
X
X
X
X
1
1
0
1
channel 5 enabled
X
X
X
X
1
1
1
0
channel 6 enabled
X
X
X
X
1
1
1
1
channel 7 enabled
00001000
channel 0 enabled;
power-up/reset default state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com