Electronic Components Datasheet Search
  English  ▼

X  

PCA9547 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCA9547
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9547 Datasheet(HTML) 1 Page - Texas Instruments

  PCA9547 Datasheet HTML 1Page - Texas Instruments PCA9547 Datasheet HTML 2Page - Texas Instruments PCA9547 Datasheet HTML 3Page - Texas Instruments PCA9547 Datasheet HTML 4Page - Texas Instruments PCA9547 Datasheet HTML 5Page - Texas Instruments PCA9547 Datasheet HTML 6Page - Texas Instruments PCA9547 Datasheet HTML 7Page - Texas Instruments PCA9547 Datasheet HTML 8Page - Texas Instruments PCA9547 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The PCA9547 is an octal bidirectional translating multiplexer controlled by the I2C-bus.
The SCL/SDA upstream pair fans out to eight downstream pairs, or channels. Only one
SCx/SDx channel can be selected at a time, determined by the contents of the
programmable control register. The device powers up with Channel 0 connected, allowing
immediate communication between the master and downstream devices on that channel.
An active LOW reset input allows the PCA9547 to recover from a situation where one of
the downstream I2C-buses is stuck in a LOW state. Pulling the RESET pin LOW resets the
I2C-bus state machine causing all the channels to be deselected, except Channel 0 so
that the master can regain control of the bus.
The pass gates of the multiplexers are constructed such that the VDD pin can be used to
limit the maximum high voltage which will be passed by the PCA9547. This allows the use
of different bus voltages on each pair, so that 1.8 V, 2.5 V, or 3.3 V parts can communicate
with 5 V parts without any additional protection. External pull-up resistors pull the bus up
to the desired voltage level for each channel. All I/O pins are 5 V tolerant.
2.
Features
I 1-of-8 bidirectional translating multiplexer
I I2C-bus interface logic; compatible with SMBus standards
I Active LOW RESET input
I 3 address pins allowing up to 8 devices on the I2C-bus
I Channel selection via I2C-bus, one channel at a time
I Power-up with all channels deselected except Channel 0 which is connected
I Low Ron multiplexers
I Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
I No glitch on power-up
I Supports hot insertion
I Low standby current
I Operating power supply voltage range of 2.3 V to 5.5 V
I 5 V tolerant inputs
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO24, TSSOP24, HVQFN24
PCA9547
8-channel I2C-bus multiplexer with reset
Rev. 02 — 12 September 2006
Product data sheet


Similar Part No. - PCA9547

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9547 NXP-PCA9547 Datasheet
150Kb / 26P
8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
PCA9547 NXP-PCA9547 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9547BS NXP-PCA9547BS Datasheet
150Kb / 26P
8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
PCA9547D NXP-PCA9547D Datasheet
150Kb / 26P
8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
PCA9547PW NXP-PCA9547PW Datasheet
150Kb / 26P
8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
More results

Similar Description - PCA9547

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9546A NXP-PCA9546A Datasheet
147Kb / 25P
4-channel I2C-bus switch with reset
Rev. 05-2 July 2009
PCA9547 NXP-PCA9547 Datasheet
150Kb / 26P
8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Pericom Semiconductor C...
PI4MSD5V9547 PERICOM-PI4MSD5V9547 Datasheet
628Kb / 13P
8 Channel I2C bus multiplexer
logo
NXP Semiconductors
PCA9847PWJ NXP-PCA9847PWJ Datasheet
1Mb / 31P
8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-9 November 2015
PCA9849PWJ NXP-PCA9849PWJ Datasheet
968Kb / 30P
4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-16 November 2015
logo
Nuvoton Technology Corp...
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
4-channel I2C-bus switch with reset
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
8-channel I2C-bus switch with reset
logo
NXP Semiconductors
PCA9847 NXP-PCA9847 Datasheet
427Kb / 29P
8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9849 NXP-PCA9849 Datasheet
449Kb / 27P
4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com