Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 39 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 35Page - Texas Instruments AMC131M03 Datasheet HTML 36Page - Texas Instruments AMC131M03 Datasheet HTML 37Page - Texas Instruments AMC131M03 Datasheet HTML 38Page - Texas Instruments AMC131M03 Datasheet HTML 39Page - Texas Instruments AMC131M03 Datasheet HTML 40Page - Texas Instruments AMC131M03 Datasheet HTML 41Page - Texas Instruments AMC131M03 Datasheet HTML 42Page - Texas Instruments AMC131M03 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
DRDY
CS
SCLK
DIN
DOUT
Channel 0 Data
Channel 1 Data
Channel 2 Data
CRC
Response
Hi-Z
Hi-Z
Channel 0 Data
Response
Command
CRC
Command
CRC
Figure 8-24. Typical Communication Frame
There are some commands that require more than five words. In the case of a read register (RREG) command
where multiple registers are read, the response to the command contains the acknowledgment of the command
followed by the register contents requested, which can require a larger frame depending on how many registers
are read. See the RREG section for more details on the RREG command.
In the case of a write register (WREG) command where multiple registers are written, the frame extends to
accommodate the additional data. See the WREG section for more details on the WREG command.
See the Commands section for a list of all valid commands and the corresponding responses on the
AMC131M03-Q1.
Under special circumstances, a data frame can be shortened by the host. See the Short SPI Frames section for
more information about artificially shortening communication frames.
8.5.1.8 SPI Communication Words
An SPI communication frame with the AMC131M03-Q1 is made of words. Words on DIN can contain
commands, register settings during a register write, or a CRC of the input data. Words on DOUT can contain
command responses, register settings during a register read, ADC conversion data, or the CRC of the output
data.
Words can be 16, 24, or 32 bits. The word size is configured by the WLENGTH[1:0] bits in the MODE register.
The device defaults to a 24-bit word size. Commands, responses, CRC, and registers always contain 16 bits
of actual data. These words are always most significant bit (MSB) aligned, and therefore the least significant
bits (LSBs) are zero-padded to accommodate 24- or 32-bit word sizes. ADC conversion data are nominally 24
bits. The ADC truncates the eight LSBs when the device is configured for 16-bit communication. There are two
options for 32-bit communication available for ADC data that are configured by the WLENGTH[1:0] bits in the
MODE register. Either the ADC data can be LSB padded with zeros or the data can be MSB sign extended.
8.5.1.9 Short SPI Frames
The SPI frame can be shortened to only send commands and receive responses if the ADCs are disabled and
no ADC data are being output by the device. Read out all expected output data words from each sample period
if the ADCs are enabled. Reading all data output with each frame ensures predictable DRDY pin behavior. If
reading out all data on each output data period is not feasible, see the Collecting Data for the First Time or After
www.ti.com
AMC131M03-Q1
SBASAO3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com