Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 48 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 44Page - Texas Instruments AMC131M03 Datasheet HTML 45Page - Texas Instruments AMC131M03 Datasheet HTML 46Page - Texas Instruments AMC131M03 Datasheet HTML 47Page - Texas Instruments AMC131M03 Datasheet HTML 48Page - Texas Instruments AMC131M03 Datasheet HTML 49Page - Texas Instruments AMC131M03 Datasheet HTML 50Page - Texas Instruments AMC131M03 Datasheet HTML 51Page - Texas Instruments AMC131M03 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
Another functionally equivalent method for clearing the FIFO after a pause in collecting data is to begin by
reading two samples in quick succession. Figure 8-32 shows this method. This example shows that when the
DRDY_FMT bit in the MODE register is set to 0b, DRDY is a level output. There is a very narrow pulse on
DRDY immediately after the first set of data are shifted out of the device. This pulse can be too narrow for some
microcontrollers to detect. Therefore, do not rely upon this pulse but instead immediately read out the second
data set after the first data set. The host operates synchronous to the device after the second word is read from
the device.
DRDY
CS
SCLK
DOUT
CRC
Data
Data
Hi-Z
Status
CRC
Data
Status
CRC
Data
Time where data is
not being read
Narrow DRDY Pulse
Data is read a
second time
Figure 8-32. Collecting Data After a Pause by Reading Data Twice
AMC131M03-Q1
SBASAO3 – MAY 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com