Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 46 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 42Page - Texas Instruments AMC131M03 Datasheet HTML 43Page - Texas Instruments AMC131M03 Datasheet HTML 44Page - Texas Instruments AMC131M03 Datasheet HTML 45Page - Texas Instruments AMC131M03 Datasheet HTML 46Page - Texas Instruments AMC131M03 Datasheet HTML 47Page - Texas Instruments AMC131M03 Datasheet HTML 48Page - Texas Instruments AMC131M03 Datasheet HTML 49Page - Texas Instruments AMC131M03 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
(N+1). In this case, data in both the ADC output buffer and the FIFO buffer are updated at the same time (that
is, both buffers now hold the same conversion data N+1).
• If conversion data (N) stored in the FIFO buffer has not yet been read by the host when new conversion
data (N+1) become available, then the FIFO buffer is not updated and still holds the previous conversion
data (N), while the ADC output buffer now holds the new conversion data (N+1). In this case, data content is
different between the ADC output buffer (N+1) and the FIFO buffer (N). After the host reads conversion data
N from the FIFO buffer, the FIFO buffer is updated with the conversion data N+1. The host can then retrieve
conversion data N+1.
• A special scenario exists if conversion data (N) stored in the FIFO buffer has not been read by the host, but
two new conversion data already became available in the meantime (that is, the ADC output buffer is updated
with conversion data N+2). In this case, the FIFO buffer is updated with conversion result N+2 at the same
time the ADC output buffer is updated with conversion result N+2 (that is, both buffers now hold the same
conversion data N+2). That means, conversion data N and N+1 are lost and cannot be retrieved by the host
anymore.
Table 8-13 summarizes the ADC output buffer and FIFO buffer operation when new conversion data (N+1) are
available.
Table 8-13. New Conversion Data Available: Operation of the ADC Output Buffer and FIFO Buffer
SPI HISTORY
NEW CONVERSION
DATA AVAILABLE AT
TIME t = tS
ADC OUTPUT BUFFER
CONTENT (t < tS)
FIFO BUFFER
CONTENT (t < tS)
ADC OUTPUT BUFFER
CONTENT (t > tS)
FIFO BUFFER
CONTENT (t > tS)
FIFO data N is already
read out with the SPI
interface
N+1
N
N
N+1
N+1
FIFO data N is not yet
read out with the SPI
interface
N+1
N
N
N+1
N
FIFO data N is not yet
read out with the SPI
interface
N+2
N+1
N
N+2
N+2
The following three examples illustrate the behavior of the ADC output and FIFO buffer using a simplified
notation to indicate which conversion data is stored in each buffer: [number of sample in the ADC output buffer |
number of sample in the FIFO buffer].
Example 1: Host reads conversion results as soon as the results become available
• When the first conversion (result 1) completes, this result is placed both in the ADC output buffer and the
FIFO buffer [1 | 1].
• If the host reads conversion result 1 immediately after the conversion completes, the content of the buffers
stays at [1 | 1]. The host can read conversion result 1 from the FIFO buffer multiple times if needed before
conversion result 2 completes.
• When conversion result 2 completes, the result is again placed into both the ADC output buffer and the FIFO
buffer [2 | 2].
• If the host reads the result before the third conversion completes, result 2 is read out and the buffers stay at
[2 | 2].
Example 2: Host misses reading one conversion result
• When the first conversion (result 1) completes, the result is placed both in the ADC output buffer and the
FIFO buffer [1 | 1].
• If the host misses reading result 1 from the FIFO buffer before the second conversion completes, then the
ADC output buffer holds result 2, and the FIFO buffer still holds result 1 [2 | 1].
• If the host now reads data before the third conversion completes, result 1 is read. The content of the buffers
then updates to [2 | 2].
• Another conversion data read request by the host shifts out result 2 on DOUT. The buffers stay at [2 | 2].
• Now when the third conversion completes, both buffers update with result 3 [3 | 3].
Example 3: Host misses reading two consecutive conversion results
AMC131M03-Q1
SBASAO3 – MAY 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com