Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 9Page - Texas Instruments AMC131M03 Datasheet HTML 10Page - Texas Instruments AMC131M03 Datasheet HTML 11Page - Texas Instruments AMC131M03 Datasheet HTML 12Page - Texas Instruments AMC131M03 Datasheet HTML 13Page - Texas Instruments AMC131M03 Datasheet HTML 14Page - Texas Instruments AMC131M03 Datasheet HTML 15Page - Texas Instruments AMC131M03 Datasheet HTML 16Page - Texas Instruments AMC131M03 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
7 Parameter Measurement Information
7.1 Noise Measurements
Adjust the data rate and gain to optimize the AMC131M03-Q1 noise performance. When averaging is increased
by reducing the data rate, noise drops correspondingly. Table 7-1 summarizes the AMC131M03-Q1 noise
performance using the 1.2-V internal reference and a 3.3-V power supply at the DVDD pin. Data are
representative of typical noise performance at TA = 25°C when fCLKIN = 8.192 MHz. The clock divider is
configured to the default setting (that is, the CLK_SEL[2:0] bits in the CLOCK register are set to 000b), thus
the modulator clock frequency (fMOD) is equal to fCLKIN / 2. The data shown are typical input-referred noise
results with the analog inputs shorted together and taking an average of multiple readings across all channels.
A minimum 1 second of consecutive readings are used to calculate the RMS noise for each reading. Table 7-2
lists the dynamic range and effective resolution calculated from the noise data. Equation 1 calculates dynamic
range. Equation 2 calculates effective resolution. In each case, VREF corresponds to the internal 1.2-V reference.
In global-chop mode, noise improves by a factor of √2.
Noise performance scales with the OSR and gain settings, but is independent from the configured power mode.
Thus, the device exhibits the same noise performance in different power modes when selecting the same OSR
and gain settings. However, the data rate at the OSR settings scales based on the applied clock frequency for
the different power modes.
REF
RMS
V
Dynamic Range = 20 log
2 Gain V
§
·
u
¨
¸
¨
¸
u
u
©
¹
(1)
REF
2
RMS
2 V
Effective Resolution = log
Gain V
§
·
u
¨
¸
u
©
¹
(2)
Table 7-1. Noise (µVRMS) at TA = 25°C, Channel 0
OSR
DATA RATE (kSPS),
fCLKIN = 8.192 MHz
GAIN
1
2
4
8
16
32
64
128
16384
0.25
8.39
2.84
2.32
1.71
1.18
0.96
1.07
0.95
8192
0.5
11.16
5.15
3.06
2.11
1.75
1.31
1.42
1.29
4096
1
14.77
6.58
4.09
2.99
2.46
1.88
1.80
1.88
2048
2
15.94
7.62
5.20
3.59
2.96
2.26
2.37
2.27
1024
4
17.57
8.93
6.48
4.58
3.61
2.76
2.94
2.88
512
8
22.01
11.98
8.77
6.55
5.18
4.03
3.94
3.92
256
16
28.78
15.81
11.88
8.85
7.33
5.64
5.71
5.76
128
32
41.61
22.71
17.54
12.47
10.20
8.07
8.04
8.13
64
64
90.98
48.02
30.44
20.06
15.00
11.32
11.40
10.06
Table 7-2. Dynamic Range (Effective Resolution) at TA = 25°C, Channel 0
OSR
DATA RATE (kSPS),
fCLKIN = 8.192 MHz
GAIN
1
2
4
8
16
32
64
128
16384
0.25
100 (18.1)
103 (18.7)
99 (18.0)
96 (17.4)
93 (17.0)
89 (16.2)
82 (15.1)
77 (14.3)
8192
0.5
98 (17.7)
98 (17.8)
97 (17.6)
94 (17.1)
90 (16.4)
86 (15.8)
79 (14.7)
74 (13.8)
4096
1
95 (17.3)
96 (17.5)
94 (17.2)
91 (16.6)
87 (15.9)
83 (15.3)
77 (14.3)
71 (13.3)
2048
2
95 (17.2)
95 (17.3)
92 (16.8)
89 (16.4)
85 (15.6)
81 (15.0)
75 (13.9)
69 (13.0)
1024
4
94 (17.1)
94 (17.0)
90 (16.5)
87 (16.0)
83 (15.3)
80 (14.7)
73 (13.6)
67 (12.7)
512
8
92 (16.7)
91 (16.6)
88 (16.1)
84 (15.5)
80 (14.8)
76 (14.2)
71 (13.2)
65 (12.2)
256
16
89 (16.3)
89 (16.2)
85 (15.6)
82 (15.0)
77 (14.3)
73 (13.7)
67 (12.7)
61 (11.7)
128
32
86 (15.8)
85 (15.7)
82 (15.1)
79 (14.6)
74 (13.8)
70 (13.2)
64 (12.2)
58 (11.2)
64
64
79 (14.7)
79 (14.6)
77 (14.3)
74 (13.9)
71 (13.3)
67 (12.7)
61 (11.7)
56 (10.9)
www.ti.com
AMC131M03-Q1
SBASAO3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com