Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 23 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 19Page - Texas Instruments AMC131M03 Datasheet HTML 20Page - Texas Instruments AMC131M03 Datasheet HTML 21Page - Texas Instruments AMC131M03 Datasheet HTML 22Page - Texas Instruments AMC131M03 Datasheet HTML 23Page - Texas Instruments AMC131M03 Datasheet HTML 24Page - Texas Instruments AMC131M03 Datasheet HTML 25Page - Texas Instruments AMC131M03 Datasheet HTML 26Page - Texas Instruments AMC131M03 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
Equation 7 calculates the transfer function of a sinc3 filter in terms of the continuous-time frequency parameter f.
½H(f) =
½
3
sin
N f
p
f
MOD
N
sin
´
pf
f
MOD
(7)
where:
• N is the OSR
Figure 8-7 and Figure 8-8 show the digital filter response of the fast-settling filter and the sinc3 filter for OSRs of
1024 and lower. Figure 8-9 and Figure 8-10 show the digital filter response of the sinc3 + sinc1 filter for an OSR
of 4096.
Frequency (fIN/fDATA)
0
1
2
3
4
5
-140
-120
-100
-80
-60
-40
-20
0
Fast-settling filter
Sinc3 filter
Figure 8-7. Fast-Settling and Sinc3 Digital Filter
Response
Frequency (fIN/fDATA)
0
0.1
0.2
0.3
0.4
0.5
-12
-10.5
-9
-7.5
-6
-4.5
-3
-1.5
0
Fast-settling filter
Sinc3 filter
Figure 8-8. Fast-Settling and Sinc3 Digital Filter
Response, Pass-Band Detail
Frequency (fIN/fDATA)
0
1
2
3
4
5
6
7
8
9
10
11
12
-140
-120
-100
-80
-60
-40
-20
0
Sinc3 filter (1024)
Sinc3 + Sinc1 filter
Figure 8-9. Digital Filter Response for OSR = 4096
as a Combination of Sinc3 + Sinc1
Frequency (fIN/fDATA)
0
0.1
0.2
0.3
0.4
0.5
-12
-10
-8
-6
-4
-2
0
Sinc3 filter (1024)
Sinc3 + Sinc1 filter
Figure 8-10. Sinc3 + Sinc1 Digital Filter Response
at OSR = 4096, Pass-Band Detail
8.3.12 Channel Phase Calibration
The AMC131M03-Q1 allows fine adjustment of the sample phase between channels by using channel phase
calibration. This feature is helpful when different channels are measuring the outputs of different types of
sensors that have different phase responses. For example, in power metrology applications, voltage can be
measured by a voltage divider, whereas current is measured using a current transformer that exhibits a phase
difference between the input and output signals. The differences in phase between the voltage and current
measurement must be compensated to measure the power and related parameters accurately.
www.ti.com
AMC131M03-Q1
SBASAO3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com