Electronic Components Datasheet Search
  English  ▼

X  

AMC131M03 Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC131M03
Description  AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M03 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC131M03 Datasheet HTML 17Page - Texas Instruments AMC131M03 Datasheet HTML 18Page - Texas Instruments AMC131M03 Datasheet HTML 19Page - Texas Instruments AMC131M03 Datasheet HTML 20Page - Texas Instruments AMC131M03 Datasheet HTML 21Page - Texas Instruments AMC131M03 Datasheet HTML 22Page - Texas Instruments AMC131M03 Datasheet HTML 23Page - Texas Instruments AMC131M03 Datasheet HTML 24Page - Texas Instruments AMC131M03 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
bandwidth results in lower noise, whereas higher bandwidth results in higher noise. See Table 7-1 for the noise
specifications for various OSR settings.
Table 8-4. OSR Settings and Data Rates for Nominal Controller Clock Frequencies
POWER MODE
NOMINAL CONTROLLER
CLOCK FREQUENCY
fMOD(1)
OSR
OUTPUT DATA RATE
High-resolution
(HR)
8.192 MHz
4.096 MHz
64
64 kSPS
128
32 kSPS
256
16 kSPS
512
8 kSPS
1024
4 kSPS
2048
2 kSPS
4096
1 kSPS
8192
500 SPS
16384
250 SPS
Low-power (LP)
4.096 MHz
2.048 MHz
64
32 kSPS
128
16 kSPS
256
8 kSPS
512
4 kSPS
1024
2 kSPS
2048
1 kSPS
4096
500 SPS
8192
250 SPS
16384
125 SPS
(1)
Programmable clock divider is set to NDIV = 2.
8.3.11.1 Digital Filter Implementation
Figure 8-6 shows the digital filter implementation of the AMC131M03-Q1. The modulator bitstream feeds two
parallel filter paths: a sinc3 filter and a fast-settling filter path.
Modulator
Bitstream
Sinc
3
Regular
Filter
Fast-Settling Filter
Sinc
1 Averager
(OSR > 1024)
Global Chop
Logic
PHASEx[9:0]
PGA_GAINx[2:0]
OSR
1024
Power-up
or
Reset
MUX
MUX
1
0
1
0
Calibration
Logic,
Gain scaling
OSR = 1024
OSR[2:0]
OSR[2:0]
Phase
Delay
Figure 8-6. Digital Filter Implementation
8.3.11.1.1 Fast-Settling Filter
At power-up or after a device reset, the AMC131M03-Q1 selects the fast-settling filter to allow for settled output
data generation with minimal latency. The fast-settling filter has the characteristic of a first-order sinc filter (sinc1).
After two conversions, the device switches to and remains in the sinc3 filter path until the next time the device is
powered down or reset.
www.ti.com
AMC131M03-Q1
SBASAO3 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC131M03-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com