Electronic Components Datasheet Search
  English  ▼

X  

LM4949 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 26Page - National Semiconductor (TI) LM4949 Datasheet HTML 27Page - National Semiconductor (TI) LM4949 Datasheet HTML 28Page - National Semiconductor (TI) LM4949 Datasheet HTML 29Page - National Semiconductor (TI) LM4949 Datasheet HTML 30Page - National Semiconductor (TI) LM4949 Datasheet HTML 31Page - National Semiconductor (TI) LM4949 Datasheet HTML 32Page - National Semiconductor (TI) LM4949 Datasheet HTML 33Page - National Semiconductor (TI) LM4949 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Application Information
I2C COMPATIBLE INTERFACE
The LM4949 is controlled through an I
2C compatible serial
interface that consists of two wires; clock (SCL) and data
(SDA). The clock line is uni-directional. The data line is
bi-directional (open-collector) although the LM4949 does not
write to the I
2C bus. The maximum clock frequency specified
by the I
2C standard is 400kHz.
To avoid an address conflict with another device on the I
2C
bus, the LM4949 address is determined by the ADR pin, the
state of ADR determines address bit A1 (Table 2). When
ADR = 0, the address is 1111 1000. When ADR=1the
device address is 1111 1010.
TABLE 2. Device Address
ADR
A7
A6
A5
A4
A3
A2
A1
A0
X
111110
X
0
0
11111000
1
11111010
BUS FORMAT
The I
2C bus format is shown in Figure 2. The “start” signal is
generated by lowering the data signal while the clock is high.
The start signal alerts all devices on the bus that a device
address is being written to the bus.
The 8-bit device address is written to the bus next, most
significant bit first. The data is latched in on the rising edge of
the clock. Each address bit must be stable while the clock is
high.
After the last address bit is sent, the master device releases
the data line, during which time, an acknowledge clock pulse
is generated. If the LM4949 receives the address correctly,
then the LM4949 pulls the data line low, generating an
acknowledge bit (ACK).
Once the master device has registered the ACK bit, the 8-bit
register address/data word is sent. Each data bit should be
stable while the clock level is high. After the 8–bit word is
sent, the LM4949 sends another ACK bit. Following the
acknowledgement of the data word, the master device is-
sues a “stop” bit, allowing SDA to go high while the clock
signal is high.
20200109
FIGURE 2. I
2C Bus Format
20200110
FIGURE 3. I
2C Timing Diagram
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com