Electronic Components Datasheet Search
  English  ▼

X  

LM4949 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 27Page - National Semiconductor (TI) LM4949 Datasheet HTML 28Page - National Semiconductor (TI) LM4949 Datasheet HTML 29Page - National Semiconductor (TI) LM4949 Datasheet HTML 30Page - National Semiconductor (TI) LM4949 Datasheet HTML 31Page - National Semiconductor (TI) LM4949 Datasheet HTML 32Page - National Semiconductor (TI) LM4949 Datasheet HTML 33Page - National Semiconductor (TI) LM4949 Datasheet HTML 34Page - National Semiconductor (TI) LM4949 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Application Information (Continued)
TABLE 3. I
2C Control Registers
REGISTER REGISTER
NAME
D7
D6
D5
D4
D3
D2
D1
D0
0.0
Shutdown
Control
0
0
0
0
0
OCL_LGC *
OCL *
PWR_ON
0.1
Stereo
Input
Mode
Control
0
0
0
1
L1_INSEL
L2_INSEL
SDB_HPSEL SDB_MUXSEL
1
Speaker
Output
Mux
Control
0
0
1
LS_XSEL
LSR_MSEL
LSR_SSEL
LSL_MSEL
LSL_SSEL
2
Headphone
Output
Mux
Control
0
1
0
HP_XSEL
HPR_MSEL
HPR_SSEL
HPL_MSEL
HPL_SSEL
3.0
Output
On/Off
Control
0
1
1
0
HPR_ON
HPL_ON
LSR_ON
LSL_ON
3.1
Reserved
0
1
1
1
RESERVED
RESERVED
RESERVED
RESERVED
4.0
Headphone
Output
Stage
Gain
Control
1
0
0
0
HPG1
HPG0
RESERVED
RESERVED
4.1
Speaker
Output
Stage
Gain
Control
1
0
0
1
LSRG1
LSRG0
LSLG1
LSLG0
5
Mono
Input Gain
Control
1
0
1
MG4
MG3
MG2
MG1
MG0
6
Left Input
Gain
Control
1
1
0
LG4
LG3
LG2
LG1
LG0
7
Right
Input Gain
Control
1
1
1
RG4
RG3
RG2
RG1
RG0
* Note: OCL_LGC = 1 and OCL = 1 at the same time is not allowed.
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com