Electronic Components Datasheet Search
  English  ▼

X  

LM4949 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 28Page - National Semiconductor (TI) LM4949 Datasheet HTML 29Page - National Semiconductor (TI) LM4949 Datasheet HTML 30Page - National Semiconductor (TI) LM4949 Datasheet HTML 31Page - National Semiconductor (TI) LM4949 Datasheet HTML 32Page - National Semiconductor (TI) LM4949 Datasheet HTML 33Page - National Semiconductor (TI) LM4949 Datasheet HTML 34Page - National Semiconductor (TI) LM4949 Datasheet HTML 35Page - National Semiconductor (TI) LM4949 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Application Information (Continued)
GENERAL AMPLIFIER FUNCTION
Class D Amplifier
The LM4949 features a high-efficiency, filterless, Class D
stereo amplifier. The LM4949 Class D amplifiers feature a
filterless modulation scheme, the differential outputs of each
channel switch at 300khz, from V
DD to GND. When there is
no input signal applied, the two outputs (_LS+ and _LS-)
switch with a 50% duty cycle, with both outputs in phase.
Because the outputs of the LM4949 are differential, the two
signals cancel each other. This results in no net voltage
across the speaker, thus no load current during the idle
state, conserving power.
When an input signal is applied, the duty cycle (pulse width)
changes. For increasing output voltages, the duty cycle of
_LS+ increases, while the duty cycle of _LS- decreases. For
decreasing output voltages, the converse occurs, the duty
cycle of _LS- increases while the duty cycle of _LS+ de-
creases. The difference between the two pulse widths yields
the differential output voltage.
Headphone Amplifier
The LM4949 headphone amplifier features three different
operating modes, output capacitorless (OCL), capacitor-
coupled (CC), and external amplifier mode.
The OCL architecture eliminates the bulky, expensive output
coupling capacitors required by traditional headphone ampli-
fiers. The LM4949 headphone section uses three amplifiers.
Two amplifiers drive the headphones while the third (VOC) is
set to the internally generated bias voltage (typically V
DD/2).
The third amplifier is connected to the return terminal of the
headphone jack. In this configuration, the signal side of the
headphones are biased to V
DD/2, the return is biased to
V
DD/2, thus there is no net DC voltage across the head-
phone, eliminating the need for an output coupling capacitor.
Removing the output coupling capacitors from the head-
phone signal path reduces component count, reducing sys-
tem cost and board space consumption, as well as improv-
ing low frequency performance.
In OCL mode, the headphone return sleeve is biased to
V
DD/2. When driving headphones, the voltage on the return
sleeve is not an issue. However, if the headphone output is
used as a line out, the V
DD/2 can conflict with the GND
potential that a line-in would expect on the return sleeve.
When the return of the headphone jack is connected to
GND, the VOC amplifier of the LM4949 detects an output
short circuit condition and is disabled, preventing damage to
the LM4949, and allowing the headphone return to be biased
at GND.
Capacitor Coupled Headphone Mode
In capacitor coupled (CC) mode, the VOC pin is disabled,
and the headphone outputs are coupled to the jack through
series capacitors, allowing the headphone return to be con-
nected to GND (Figure 4). In CC mode, the LM4949 requires
output coupling capacitors to block the DC component of the
amplifier output, preventing DC current from flowing to the
load. The output capacitor and speaker impedance form a
high pass filter with a -3dB roll-off determined by:
f
-3dB =1/2
πR
LCOUT
Where R
L is the headphone impedance, and COUT is the
output coupling capacitor. Choose C
OUT such that f-3dB is
well below the lowest frequency of interest. Setting f
-3dB too
high results in poor low frequency performance. Select ca-
pacitor dielectric types with low ESR to minimize signal loss
due to capacitor series resistance and maximize power
transfer to the load.
External Headphone Amplifier
The LM4949 features the ability to drive and control a sepa-
rate headphone amplifier for applications that require a True
Ground headphone output (Figure 5). Configure the LM4949
into external headphone amplifier mode by setting bit D2
(OCL_LGC) in register 0.0 to 1 and bit D1 (OCL) to 0. In this
mode the VOC output becomes a logic output used to drive
the shutdown input of the external amplifier. The output level
of VOC is controlled by bits D1 (SDB_HPSEL) and D2
(SDB_MUXSEL) in register 0.1. SDB_MUXSEL determines
the source of the VOC control signal. With SDB_MUXSEL =
0, the VOC signal comes from the internal start-up circuitry
of the LM4949. This allows the external headphone amplifier
to be turned on and off simultaneously with the LM4949.
20200105
FIGURE 4. Capacitor Coupled Headphone Mode
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com