Electronic Components Datasheet Search
  English  ▼

X  

LM4949 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 32Page - National Semiconductor (TI) LM4949 Datasheet HTML 33Page - National Semiconductor (TI) LM4949 Datasheet HTML 34Page - National Semiconductor (TI) LM4949 Datasheet HTML 35Page - National Semiconductor (TI) LM4949 Datasheet HTML 36Page - National Semiconductor (TI) LM4949 Datasheet HTML 37Page - National Semiconductor (TI) LM4949 Datasheet HTML 38Page - National Semiconductor (TI) LM4949 Datasheet HTML 39Page - National Semiconductor (TI) LM4949 Datasheet HTML 40Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Application Information (Continued)
Shutdown Function
The LM4949 features five shutdown modes, configured
through the I
2C interface. Bit D0 (PWR_ON) in the Shutdown
Control register shuts down/turns on the entire device. Set
PWR_ON=1to enable the LM4949, set PWR_ON 0 to
disable the device. Bits D0 – D3 in the Output On/Off Control
shutdown/turn on the individual channels. HPR_ON (D3)
controls the right channel headphone output, HPL_ON (D2)
controls the left channel headphone output, LSR_ON (D1)
controls the right channel loudspeaker output, and LRL_ON
(D0) controls the left channel loudspeaker output. The
PWR_ON bit takes precedence over the individual channel
controls.
Audio Amplifier Gain Setting
The each channel of the LM4949 has two separate gain
stages. Each input stage features a 32 step volume control
with a range of -57dB to +18dB (Table 7). Each speaker
output stage has 4 gain settings (Table 8); 0dB, 2dB, 4dB,
and 6dB when either a fully differential signal or two single
ended signals are applied on the _IN+ and _IN- pins; and
6dB, 8dB, 10dB and 12dB in single-ended input mode with
only one signal applied. The headphone gain is not affected
by the input mode. Each headphone output stage has 3 gain
settings (Table 9), 0dB, -6dB, and -12dB. This allows for a
maximum separation of 24dB between the speaker and
headphone outputs when both are active.
Calculate the total gain of a given signal path as follows:
A
VOL +AOS =ATOTAL
Where A
VOL is the volume control level, AOS is the gain
setting of the output stage, and A
TOTAL is the total gain for the
signal path.
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com