Electronic Components Datasheet Search
  English  ▼

X  

LM4949 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 32Page - National Semiconductor (TI) LM4949 Datasheet HTML 33Page - National Semiconductor (TI) LM4949 Datasheet HTML 34Page - National Semiconductor (TI) LM4949 Datasheet HTML 35Page - National Semiconductor (TI) LM4949 Datasheet HTML 36Page - National Semiconductor (TI) LM4949 Datasheet HTML 37Page - National Semiconductor (TI) LM4949 Datasheet HTML 38Page - National Semiconductor (TI) LM4949 Datasheet HTML 39Page - National Semiconductor (TI) LM4949 Datasheet HTML 40Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Application Information (Continued)
Differential Audio Amplifier Configuration
As logic supply voltages continue to shrink, system design-
ers increasingly turn to differential signal handling to pre-
serve signal to noise ratio with decreasing voltage swing.
The LM4949 can be configured as a fully differential ampli-
fier, amplifying the difference between the two inputs. The
advantage of the differential architecture is any signal com-
ponent that is common to both inputs is rejected, improving
common-mode rejection (CMRR) and increasing the SNR of
the amplifier by 6dB over a single-ended architecture. The
improved CMRR and SNR of a differential amplifier reduce
sensitivity to ground offset related noise injection, especially
important in noisy applications such as cellular phones. Driv-
ing the LM4949 differentially also allows the inputs to be DC
coupled, eliminating two external capacitors per channel. Set
bits L1_INSEL and L2_INSEL = 0 for differential input mode.
The left and right stereo inputs have selectable differential or
single-ended input modes, while the mono input is always
differential.
Single-Ended Audio Amplifier Configuration
In single-ended input mode, the audio sources must be
capacitively coupled to the LM4949. With LIN+
≠ LIN- and
RIN+
≠ RIN-, the loud speaker gain is 6dB more than in
differential input mode, or when LIN+ = LIN- and RIN+ =
RIN-. The headphone gain does not change. The mono input
channel is not affected by L1_INSEL and L2_INSEL, and is
always configured as a differential input.
Power Dissipation and Efficiency
The major benefit of Class D amplifiers is increased effi-
ciency versus Class AB. The efficiency of the LM4949
speaker amplifiers is attributed to the output transistors’
region of operation. The Class D output stage acts as current
steering switches, consuming negligible amounts of power
compared to their Class AB counterparts. Most of the power
loss associated with the output stage is due to the IR loss of
the MOSFET on-resistance, along with the switching losses
due to gate charge.
The maximum power dissipation per headphone channel in
Capacitor-Coupled mode is given by:
P
DMAX =VDD
2 /2
π2R
L
In OCL mode, the maximum power dissipation per head-
phone channel increases due to the use of a third amplifier
as a buffer. The power dissipation is given by:
P
DMAX =VDD
2 /
π2R
L
PROPER SELECTION OF EXTERNAL COMPONENTS
Audio Amplifier Power Supply Bypassing / Filtering
Proper power supply bypassing is critical for low noise per-
formance and high PSRR. Place the supply bypass capaci-
tors as close to the device as possible. Typical applications
employ a voltage regulator with 10µF and 0.1µF bypass
capacitors that increase supply stability. These capacitors do
not eliminate the need for bypassing of the LM4949 supply
pins. A 1µF ceramic capacitor placed close to each supply
pin is recommended.
Bypass Capacitor Selection
The LM4949 generates a V
DD/2 common-mode bias voltage
internally. The BYPASS capacitor, C
B, improves PSRR and
THD+N by reducing noise at the BYPASS node. Use a 1µF
capacitor, placed as close to the device as possible for C
B.
Audio Amplifier Input Capacitor Selection
Input capacitors, C
IN, in conjunction with the input imped-
ance of the LM4949 forms a high pass filter that removes the
DC bias from an incoming signal. The AC-coupling capacitor
allows the amplifier to bias the signal to an optimal DC level.
Assuming zero source impedance, the -3dB point of the high
pass filter is given by:
f
-3dB =1/2
πR
INCIN
Choose C
IN such that f-3dB is well below the lowest fre-
quency of interest. Setting f
-3dB too high affects the low-
frequency response of the amplifier. Use capacitors with low
voltage coefficient dielectrics, such as tantalum or aluminum
electrolytic. Capacitors with high-voltage coefficients, such
as ceramics, may result in increased distortion at low fre-
quencies. Other factors to consider when designing the input
filter include the constraints of the overall system. Although
high fidelity audio requires a flat frequency response be-
tween 20Hz and 20kHz, portable devices such as cell
phones may only concentrate on the frequency range of the
spoken human voice (typically 300Hz to 4kHz). In addition,
the physical size of the speakers used in such portable
devices limits the low frequency response; in this case,
frequencies below 150Hz may be filtered out.
PCB LAYOUT GUIDELINES
Minimize trace impedance of the power, ground and all
output traces for optimum performance. Voltage loss due to
trace resistance between the LM4949 and the load results in
decreased output power and efficiency. Trace resistance
between the power supply and GND of the LM4949 has the
same effect as a poorly regulated supply, increased ripple
and reduced peak output power. Use wide traces for power-
supply inputs and amplifier outputs to minimize losses due to
trace resistance, as well as route heat away from the device.
Proper grounding improves audio performance, minimizes
crosstalk between channels and prevents switching noise
from interfering with the audio signal. Use of power and
ground planes is recommended.
Place all digital components and digital signal traces as far
as possible from analog components and traces. Do not run
digital and analog traces in parallel on the same PCB layer.
www.national.com
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com