Electronic Components Datasheet Search
  English  ▼

X  

LM4949 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 32Page - National Semiconductor (TI) LM4949 Datasheet HTML 33Page - National Semiconductor (TI) LM4949 Datasheet HTML 34Page - National Semiconductor (TI) LM4949 Datasheet HTML 35Page - National Semiconductor (TI) LM4949 Datasheet HTML 36Page - National Semiconductor (TI) LM4949 Datasheet HTML 37Page - National Semiconductor (TI) LM4949 Datasheet HTML 38Page - National Semiconductor (TI) LM4949 Datasheet HTML 39Page - National Semiconductor (TI) LM4949 Datasheet HTML 40Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Application Information (Continued)
TABLE 7. 32 Step Volume Control
Volume Step
MG4/LG4/RG4
MG3/LG3/RG3
MG2/LG2/RG2
MG1/LG1/RG1
MG0/LG0/RG0
Gain (dB)
1
00000
–57
2
00001
–49
3
00010
–42
4
00011
–34.5
5
00100
–30.5
6
00101
–27
7
00110
–24
8
00111
–21
9
01000
–18
10
01001
–15
11
01010
–13.5
12
01011
–12
13
01100
–10.5
14
01101
–9
15
01110
–7.5
16
01111
–6
17
10000
–4.5
18
10001
–3
19
10010
–1.5
20
10011
0
21
10100
1.5
22
10101
3
23
10110
4.5
24
10111
6
25
11000
7.5
26
11001
9
27
11010
10.5
28
11011
12
29
11100
13.5
30
11101
15
31
11110
16.5
32
11111
18
TABLE 8. Loudspeaker Gain Setting
LSRG1/LSLG1
LSRG0/LSLG0
Gain (dB)
_IN+
≠ _IN-
_IN+ =_IN-
0
0
12
6
0
1
10
4
10
8
2
11
6
0
TABLE 9. Headphone Gain Setting
HPG1
HPG0
Gain (dB)
00
0
01
–6
10
–12
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com