Electronic Components Datasheet Search
  English  ▼

X  

AT75C Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT75C
Description  Smart Internet Appliance Processor (SIAP)
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT75C Datasheet HTML 31Page - ATMEL Corporation AT75C Datasheet HTML 32Page - ATMEL Corporation AT75C Datasheet HTML 33Page - ATMEL Corporation AT75C Datasheet HTML 34Page - ATMEL Corporation AT75C Datasheet HTML 35Page - ATMEL Corporation AT75C Datasheet HTML 36Page - ATMEL Corporation AT75C Datasheet HTML 37Page - ATMEL Corporation AT75C Datasheet HTML 38Page - ATMEL Corporation AT75C Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 171 page
background image
35
AT75C DSP Subsystem
1368C–INTAP–08/02
contents of the P register remain unchanged. At two multiply instructions, maa
and maasu, the P register is also aligned, i.e., after the P register is sign-
extended and shifted according to the PS field, it is also shifted by 16 to the right.
6.
All move instructions using the accumulator (aX or bX) as a destination are sign-
extended.
All instructions that use the accumulator-low (aXl or bXl) as a destination will clear
the accumulator-high and the accumulator extension. Therefore, they are sign
extension-suppressed.
All instructions using the accumulator-high (aXh or bXh) as a destination will clear
the accumulator-low and are sign- extended. An exception is mov direct address,
axh [eu], when moving data into accumulator-high can be controlled with sign exten-
sion or with sign extension unaffected (the accumulator extension aXe is
unaffected).
7.
In all arithmetic operations between 16-bit registers and aX (36 bits), the 16-bit
register will be regarded as the 16 low-order bits of a 36-bit operand with a sign
extension in the MSBs.
8.
It is recommended that the flags are used immediately after the instruction that
updated them. Otherwise, very careful programming is required (some flags may
be changed in the meantime).
9.
The condition field is almost always an optional field, except when the condition
is followed by another optional field as in reti instruction. The condition field is the
last field of the instruction. When the condition field is missing, the condition is
true.
Examples:
shr4 true is the same as shr4, but in reti true, context the true cannot be
omitted.
10. General Restrictions:
a) Arithmetic and logical operations (but not bit-manipulation operations) must not
be performed with the same accumulator as the source (soperand) and the destina-
tion (doperand).
Example: add a0, a0 is not allowed (shfc a0, a0 is allowed)
b) An instruction immediately following an instruction that modifies the rb register
may not use the index addressing mode. The only exception is when rb is modified
using a long immediate operand (mov ## long immediate, rb).
11. Two nop instructions should follow instructions that use the pc as a destination
register except after move ## long immediate, pc, where only one nop is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com