Electronic Components Datasheet Search
  English  ▼

X  

AT75C Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT75C
Description  Smart Internet Appliance Processor (SIAP)
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT75C Datasheet HTML 40Page - ATMEL Corporation AT75C Datasheet HTML 41Page - ATMEL Corporation AT75C Datasheet HTML 42Page - ATMEL Corporation AT75C Datasheet HTML 43Page - ATMEL Corporation AT75C Datasheet HTML 44Page - ATMEL Corporation AT75C Datasheet HTML 45Page - ATMEL Corporation AT75C Datasheet HTML 46Page - ATMEL Corporation AT75C Datasheet HTML 47Page - ATMEL Corporation AT75C Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 171 page
background image
44
AT75C DSP Subsystem
1368C–INTAP–08/02
break, the contents of lc will be the value of the loop counter at the
break point.
The minimum length of the repeated block is two words.
Restrictions:
• Break cannot start at the last address of the block repeat loop.
• The following instructions cannot start at
address – 1 in a block-repeat
loop:
break (1 word), mov soperand (2 words), icr, mov icr, ab (2 words).
• The following instructions cannot start at the two last addresses of the
block-repeat loop:
br, brr, call, callr, calla, ret, reti, rets, retd, retid, bkrep,
rep, instructions with pc or lc as destination, instructions with lc or icr as
source.
• The following instructions cannot start at
address – 2 of a block-repeat
loop: instructions with lc as destination,
mov soperand, icr.
• The following instructions cannot start at
address – 3 of a block-repeat
loop:
set, rst, chng, addv, subv, with lc as destination.
• Note that illegal instruction sequences are also restricted at the last
and first instructions of a
block-repeat loop.
• Two
block-repeat loops cannot have the same last address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com