Electronic Components Datasheet Search
  English  ▼

X  

AT75C Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT75C
Description  Smart Internet Appliance Processor (SIAP)
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT75C Datasheet HTML 36Page - ATMEL Corporation AT75C Datasheet HTML 37Page - ATMEL Corporation AT75C Datasheet HTML 38Page - ATMEL Corporation AT75C Datasheet HTML 39Page - ATMEL Corporation AT75C Datasheet HTML 40Page - ATMEL Corporation AT75C Datasheet HTML 41Page - ATMEL Corporation AT75C Datasheet HTML 42Page - ATMEL Corporation AT75C Datasheet HTML 43Page - ATMEL Corporation AT75C Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 171 page
background image
40
AT75C DSP Subsystem
1368C–INTAP–08/02
AND – And
Syntax:
and operand, aX
Operation:
If operand is aX or P:
aX[35:0] AND operand
−> aX[35:0]
If operand is unsigned short immediate:
aX[7:0] AND operand
−> aX[7:0]
aX[15:8]
−> aX[15:8]
0
−> aX[35:16]
if operand is REG, (rN), long immediate:
aX[15:0] AND operand
−> aX[15:0]
0
−> aX[35:16]
Note: If the operand is one of the a accumulators or the P register, it is
ANDed with the destination accumulator.
If the operand is short immediate, the operand is zero-extended to form
a 36-bit operand, then ANDed with the destination accumulator. Bits 15
to 8 are unaffected; other bits of the accumulator are cleared.
If the operand is a 16-bit register or a long immediate value, the oper-
and is zero-extended to form a 36-bit operand, then ANDed with the
accumulator. Therefore, the upper bits of the accumulator are cleared
by this instruction.
Operand:
REG
(rN)
direct address
[##direct address]
#unsigned short immediate
##long immediate
(rb + offset7)
(rb + ##offset)
Affected Flags:
Z flag is set if all the bits at the ALU output are zeroed, cleared other-
wise. Note that when the operand is unsigned short immediate, ALU
output bits 35 to 8 are 0.
Cycles:
1
2 when the instruction is two words long
Words:
1
2 when the operand is
##long immediate or (rb+offset) or [##direct
Z
M
NVCE
L
R
x
x
–––
x
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com