Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3880
Description  Power Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3880 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3880 Datasheet HTML 1Page - National Semiconductor (TI) LM3880 Datasheet HTML 2Page - National Semiconductor (TI) LM3880 Datasheet HTML 3Page - National Semiconductor (TI) LM3880 Datasheet HTML 4Page - National Semiconductor (TI) LM3880 Datasheet HTML 5Page - National Semiconductor (TI) LM3880 Datasheet HTML 6Page - National Semiconductor (TI) LM3880 Datasheet HTML 7Page - National Semiconductor (TI) LM3880 Datasheet HTML 8Page - National Semiconductor (TI) LM3880 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Connection Diagram
30025503
12-pin micro SMD package
Pin Descriptions
Pin Number
Symbol
Name and Function
A1
PGND
Power Ground pin
A2
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
A3
FB_DCDC
Feedback analog input for the DC-DC converter. Connect to the output filter capacitor.
B1
V
BATT
Power supply input for switcher. Connect to the input filter capacitor.
B2
EN_LILO
Enable input for the linear regulator. The linear regulator is in shutdown mode if voltage at this pin is
< 0.4V and enabled if > 1.1V. Do not leave this pin floating.
B3
EN_DCDC
Enable input for the DC-DC converter. The DC-DC converter is in shutdown mode if voltage at this pin
is < 0.4V and enabled if > 1.1V. Do not leave this pin floating.
C1
V
IN_LDO
Input power to LDO. ( Must tie to V
BATT at all times )
C2
EN_LDO
Enable input for the linear regulator. The linear regulator is in shutdown mode if voltage at this pin is
< 0.4V and enabled if > 1.1V. Do not leave this pin floating.
C3
QGND
Quiet GND pin for LDO and reference circuit.
D1
V
OUT_LDO
Voltage output of the linear regulator.
D2
V
OUT_LILO
Voltage output of the low input linear regulator
D3
V
IN_LILO
Input power to LILO (V
IN_LILO connects to output of DCDC or standalone).
Order Information
Part Number
Voltage Options
Package Marking
Supplied as
LM3686TL-AADW
1.81.22.8
¢2¢X*$I¢CSUEB
250 units, tape and reel
LM3686TLX-AADW
1.81.22.8
¢2¢X*$I¢CSUEB
3000 units, tape and reel
LM3686TLE-AAED
1.21.82.8
¢2¢X*$I¢CSUEB
250 units, tape and reel
LM3686TLX-AAED
1.21.82.8
¢2¢X*$I¢CSUEB
3000 units, tape and reel
LM3686TLE-AAEF
1.81.23.0
¢2¢X*$I¢CSUEB
250 units, tape and reel
LM3686TLX-AAEF
1.81.23.0
¢2¢X*$I¢CSUEB
3000 units, tape and reel
*Voltage options are read as follow: 1.81.22.8 = 1.8V for VOUT_DC-DC, 1.2V for VOUT_LILO, and 2.8V for VOUT_LDO;
Contact National Semiconductor for other factory VOUT programmed options.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com