Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3880
Description  Power Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3880 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3880 Datasheet HTML 12Page - National Semiconductor (TI) LM3880 Datasheet HTML 13Page - National Semiconductor (TI) LM3880 Datasheet HTML 14Page - National Semiconductor (TI) LM3880 Datasheet HTML 15Page - National Semiconductor (TI) LM3880 Datasheet HTML 16Page - National Semiconductor (TI) LM3880 Datasheet HTML 17Page - National Semiconductor (TI) LM3880 Datasheet HTML 18Page - National Semiconductor (TI) LM3880 Datasheet HTML 19Page - National Semiconductor (TI) LM3880 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
located a distance of not more than 1 cm from the V
IN_LILO
input pin and returned to QGND.
C
IN_LDO
An input capacitor is required for stability. It is recommended
to use a 1 µF ceramic capacitor and connected between the
V
IN_LDO and QGND.
Output Capacitor
C
OUT_DCDC
A ceramic output capacitor of 10 µF, 6.3V is sufficient for most
applications. Use X7R or X5R types; do not use Y5V. DC bias
characteristics of ceramic capacitors must be considered
when selecting case sizes like 0805 and 0603. DC bias char-
acteristics vary from manufacturer to manufacturer and dc
bias curves should be requested from them as part of the ca-
pacitor selection process.
The minimum output capacitance to guarantee good per-
formance is 5.75 µF at 1.8V DC bias including tolerances
and over ambient temperature range. The output filter ca-
pacitor smooths out current flow from the inductor to the load,
helps maintain a steady output voltage during transient load
changes and reduces output voltage ripple. These capacitors
must be selected with sufficient capacitance and sufficiently
low ESR to perform these functions.
The output voltage ripple is caused by the charging and dis-
charging of the output capacitor and by the R
ESR and can be
calculated as:
Voltage peak-to-peak ripple due to capacitance can be ex-
pressed as follow:
Voltage peak-to-peak ripple due to ESR can be expressed as
follow:
V
PP-ESR = (2*IRIPPLE) * RESR
Because these two components are out of phase, the rms
(root mean squared) value can be used to get an approximate
value of peak-to-peak ripple. The peak-to-peak ripple voltage,
rms value can be expressed as follow:
Note that the output voltage ripple is dependent on the induc-
tor current ripple and the equivalent series resistance of the
output capacitor (R
ESR). The RESR is frequency dependent (as
well as temperature dependent); make sure the value used
for calculations is at the switching frequency of the part.
C
OUT_LILO
The linear regulator is designed specifically to work with very
small ceramic output capacitors. A ceramic capacitor (dielec-
tric types X7R, Z5U, or Y5V) in the 2.2 µF range (up to 10 µF)
and with an ESR between 3 m
Ω to 300 mΩ is suitable as
C
OUT_LIN in the LM3686 application circuit.
This capacitor must be located a distance of not more than
1cm from the V
OUT_LILO pin and returned to a clean analogue
ground. It is also possible to use tantalum or film capacitors
at the device output, V
OUT_LILO but these are not as attractive
for reasons of size and cost (see the section Capacitor Char-
acteristics).
C
OUT_LDO
A ceramic capacitor in the 1 uF to 2.2 uF range, and with ESR
between 5 m
Ω to 500 mΩ, is suitable for the linear regulator.
This output capacitor should be connected no more than 1 cm
from V
OUT_LDO and QGND
30025508
FIGURE 8. Graph Showing a Typical Variation In
Capacitance vs. DC Bias
TABLE 2. Suggested Capacitors and their Suppliers
Capacitance / µF
Model
Voltage Rating
Vendor
Type
Case Size / Inch (mm)
10.0
C1608X5R0J106K
6.3V
TDK
Ceramic, X5R
0603 (1608)
4.7
C1608X5R0J475
6.3V
TDK
Ceramic, X5R
0603 (1608)
2.2
C1608X5R0J225M
6.3V
TDK
Ceramic, X5R
0603 (1608)
1.0
C1005JB0J105KT
6.3V
TDK
Ceramic, X5R
0402 (1005)
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com