Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3880
Description  Power Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3880 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3880 Datasheet HTML 2Page - National Semiconductor (TI) LM3880 Datasheet HTML 3Page - National Semiconductor (TI) LM3880 Datasheet HTML 4Page - National Semiconductor (TI) LM3880 Datasheet HTML 5Page - National Semiconductor (TI) LM3880 Datasheet HTML 6Page - National Semiconductor (TI) LM3880 Datasheet HTML 7Page - National Semiconductor (TI) LM3880 Datasheet HTML 8Page - National Semiconductor (TI) LM3880 Datasheet HTML 9Page - National Semiconductor (TI) LM3880 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
BATT pin to GND and QGND
-0.2V to 6.0V
Enable pins,
Feedback pins,
SW pin
(GND-0.2V) to
(V
BATT+0.2V) with
6.0V max
Junction Temperature (T
J-MAX )
150°C
Storage Temperature Range
-65°C to + 150°C
Continuous Power Dissipation
(Note 3)
Internally Limited
Maximum Lead Temperature
(Soldering)
(Note 4)
Operating Ratings
Input Voltage Range V
BATT
(DC-DC & LDO)
2.7V to 5.5V
Junction Temperature (T
J) Range
-40°C to + 125°C
Ambient Temperature (T
A) Range
(Note 5)
-40°C to + 85°C
Thermal Properties
Junction-to-Ambient Thermal
Resistance (
θ
JA) (Note 6)
Micro SMD 12
120°C/W
Electrical Characteristics (Notes 2, 7, 9, 10) Limits in standard typeface are for T
A = 25°C. Limits appearing
in boldface type apply over the full operating ambient temperature range: -40°C
≤ T
A= TJ ≤ +85°C. Unless otherwise noted,
specifications apply to the closed loop typical application circuits (linear regulator) with V
IN_LDO = VBATT = 3.6V(Note 17) ,
V
IN_LILO = VOUT_DCDC(NOM), VEN (All) = VBATT, CIN_DC = 4.7 µF, COUT_LILO = 2.2 µF, CIN_LDO = 1.0 µF , COUT_LDO = 1.0 µF ,COUT_DC =
C
IN_LILO = 10 µF
Linear Regulator — LILO (EN_DCDC = EN_LILO = ON - Large NMOS)
Symbol
Parameter
Condition
Limits
Units
Min
Typ
Max
ΔV
OUT_LILO /
V
OUT_LILO
Output Voltage
Accuracy,
V
OUT_LILO
I
OUT_LILO = 1 mA to 350 mA
V
IN_LILO = VOUT_DCDC
V
BATT = 3.6V
1.176
1.2
1.224
V
ΔV
OUT_LILO / ΔmA
Load Regulation (Note
15)
I
OUT_LILO = 1 mA & 350 mA
V
IN_LILO = VOUT_DCDC
V
BATT = 3.6V
4
12
µV/mA
V
DROP
Dropout Voltage (Note
8)
V
BATT = VOUT_LILO + 1.5V
(V
IN_LILO disconnected from
V
OUT_DCDC),
I
OUT = 350 mA
50
80
mV
I
Q_VIN_LILO
Quiescent Current
V
BATT = VIN_LILO = 3.6V
70
90
µA
I
SC_LILO
Short Circuit Current
Limit
V
OUT = GND (VOUT_LILO = 0 )
400
mA
LILO (EN_DCDC = OFF, EN_LILO = ON - SMALL NMOS)
ΔV
OUT_LILO /
V
OUT_LILO
Output Voltage
Accuracy,
V
OUT_LILO
I
OUT = 1 mA to 50 mA
1.176
1.224
V
ΔV
OUT_LILO /
ΔV
BATT
Line Regulation
(Small NMOS) (Note
14)
V
IN_LILO = (VOUT_LILO + 0.3V) to 5.5V
0.4
1.5
mV/V
I
SC_LILO
Short circuit current
V
OUT_LILO = GND
70
mA
T
STARTUP
Start up time
EN to 0.95V
OUT
70
µS
System Characteristic (Note 13)
PSRR
Power Supply Rejection
Ratio(Note 12)
Signal to V
BATT = 3.6V,
V
IN_LILO = 1.8V
I
OUT = 200 mA,
f = 100 Hz
68
dB
Signal to V
IN_LILO = 1.8V
I
OUT = 200 mA,
f = 1kHz
60
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com