Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3880
Description  Power Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3880 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3880 Datasheet HTML 3Page - National Semiconductor (TI) LM3880 Datasheet HTML 4Page - National Semiconductor (TI) LM3880 Datasheet HTML 5Page - National Semiconductor (TI) LM3880 Datasheet HTML 6Page - National Semiconductor (TI) LM3880 Datasheet HTML 7Page - National Semiconductor (TI) LM3880 Datasheet HTML 8Page - National Semiconductor (TI) LM3880 Datasheet HTML 9Page - National Semiconductor (TI) LM3880 Datasheet HTML 10Page - National Semiconductor (TI) LM3880 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Symbol
Parameter
Condition
Limits
Units
Min
Typ
Max
e
N_LILO
Output Noise voltage
(Note 12)
BW = 10 Hz to 100 kHz,
V
IN_LILO = 1.8V,
I
OUT = 200 mA,
V
IN_LDO = 3.6V
166
µV
RMS
ΔV
OUT_LILO
Dynamic load transient
response
Pulsed load 1 mA - 350 mA
di/dt = 350 mA/1µS
+/- 30
mV
ΔV
IN_LILO
Dynamic line transient
response on V
BATT
V
BATT = 3.1V to 3.7V
V
IN_LILO = VOUT_DCDC
tr, tf = 10 µS, I
OUT = 200 mA
+/-15
mV
Linear Regulator — LDO
Symbol
Parameter
Conditions
Typical Limit
Units
Min
Typ
Max
V
IN_LDO
LDO input voltage range
2.7
5.5
V
ΔV
OUT_LDO/
V
OUT_LDO
Output voltage
accuracy,
V
OUT_LDO
V
IN = 3.6V
I
OUT_LDO = 1 mA & 300 mA
2.744
2.8
2.856
V
2.94
3.0
3.06
ΔV
OUT_LDO/ΔmA
Load regulation(Note
15)
I
OUT_LDO = 1 mA & 300 mA
8
µV/mA
ΔV
IN_LDO/ΔVBATT
Line regulation(Note 14) V
IN_LDO = (VOUT_LDO(NOM) + 0.3V) to
5.5V
0.2
mV/V
V
DROP
Dropout voltage(Note 8) I
OUT = 300 mA
120
200
mV
I
Q
Quiescent current
V
en = 0.95V, IOUT = 0 mA
50
80
µA
I
SC-LDO
Short circuit current limit V
OUT = GND
350
mA
System Characteristic (Note 13)
PSRR
Power supply rejection
ratio
EN_DC = EN_LILO = GND
f = 1 kHz, I
OUT = 200 mA
85
dB
f = 10 kHz, I
OUT = 200 mA
Signal to V
IN_LDO = 3.6V
70
e
N_LDO
Output noise voltage
(Note 12)
BW = 10 Hz to 100 kHz,
V
IN_LDO = 3.6V
I
OUT = 200 mA
6.7
µV
RMS
ΔV
IN_LDO
Dynamic line transient
response
V
IN_LDO = 3.8V to 4.4V
tr, tf = 30 µs
I
OUT = 1 mA
+/-2
mV
ΔV
OUT_LDO
Dynamic load transient
response
Pulsed load 1 mA & 300 mA
tr, tf = 10 µs
+/-30
mV
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com