Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3880
Description  Power Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3880 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3880 Datasheet HTML 4Page - National Semiconductor (TI) LM3880 Datasheet HTML 5Page - National Semiconductor (TI) LM3880 Datasheet HTML 6Page - National Semiconductor (TI) LM3880 Datasheet HTML 7Page - National Semiconductor (TI) LM3880 Datasheet HTML 8Page - National Semiconductor (TI) LM3880 Datasheet HTML 9Page - National Semiconductor (TI) LM3880 Datasheet HTML 10Page - National Semiconductor (TI) LM3880 Datasheet HTML 11Page - National Semiconductor (TI) LM3880 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DC-DC Converter
Symbol
Parameter
Conditions
Limit
Units
Min
Typ
Max
V
FB_DCDC
Feedback Voltage
Accuracy
PWM Mode (Note 11)
1.746
1.8
1.836
V
V
REF
Internal reference
voltage
0.5
V
R
DSON(P)
Pin-Pin Resistance for
PFET
V
BATT = 3.6V
I
SW = 100 mA
350
450
m
Ω
R
DSON(N)
Pin-Pin Resistance for
NFET
V
BATT = 3.6V
I
SW = 100 mA
150
250
m
Ω
I
Q_AUTO
Quiescent current for
auto mode
No load, device is not switching, FB = HIGH
28
40
µA
I
LIM
Switch peak current
limit
Open loop
1.035
1.220
1.375
A
F
OSC
Internal Oscillator
Frequency
PWM Mode
2.4
3
3.4
MHz
Global Parameters (DCDC, LILO, & LDO)
Symbol
Parameter
Conditions
Typical Limit
Units
Min
Typ
Max
I
Q_VBATT
Quiescent current into
V
BATT
Full power mode
I
OUT_DCDC = IOUT_LILO = IOUT_LDO = 0 mA, DC-DC
is not switching (FB_DCDC forced higher than
V
OUT_DCDC)
V
en = 1.1V,
100
130
µA
I
Q_GLOBAL
Shutdown current into
V
BATT
V
EN_DCDC = VEN_LILO = VEN_LDO = 0V
2.5
4
µA
Enable Pins (EN_DCDC, EN_LILO, EN_LDO)
I
EN
Enable pin input
current
All EN = 0V
.01
1
µA
V
IH
Logic high input
1.1
V
V
IL
Logic low input
0.40
V
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com