Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3880
Description  Power Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3880 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3880 Datasheet HTML 10Page - National Semiconductor (TI) LM3880 Datasheet HTML 11Page - National Semiconductor (TI) LM3880 Datasheet HTML 12Page - National Semiconductor (TI) LM3880 Datasheet HTML 13Page - National Semiconductor (TI) LM3880 Datasheet HTML 14Page - National Semiconductor (TI) LM3880 Datasheet HTML 15Page - National Semiconductor (TI) LM3880 Datasheet HTML 16Page - National Semiconductor (TI) LM3880 Datasheet HTML 17Page - National Semiconductor (TI) LM3880 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Current Limiting
A current limit feature allows the LM3686 to protect itself and
external components during overload conditions. PWM mode
implements current limiting using an internal comparator that
trips at 1220mA (typ). If the output is shorted to ground the
device enters a timed current limit mode where the NFET is
turned on for a longer duration until the inductor current falls
below a low threshold. This allows the inductor current more
time to decay, thereby preventing runaway.
PFM Operation
At very light load, the DC-DC converter enters PFM mode and
operates with reduced switching frequency and supply cur-
rent to maintain high efficiency. The part automatically tran-
sitions into PFM mode when either of two conditions occurs
for a duration of 32 or more clock cycles:
A. The NFET current reaches zero.
B. The peak PMOS switch current drops below the I
MODE lev-
el, (typically I
MODE < 75 mA + VBATT / 55Ω ).
30025510
FIGURE 5. Typical PFM Operation
During PFM operation, the DC-DC converter positions the
output voltage slightly higher than the nominal output voltage
during PWM operation, allowing additional headroom for volt-
age drop during a load transient from light to heavy load. The
PFM comparators sense the output voltage via the feedback
pin and control the switching of the output FETs such that the
output voltage ramps between ~0.2% and ~1.8% above the
nominal PWM output voltage. If the output voltage is below
the ‘high’ PFM comparator threshold, the PMOS power switch
is turned on. It remains on until the output voltage reaches the
‘high’ PFM threshold or the peak current exceeds the I
PFM
level set for PFM mode. The typical peak current in PFM mode
is: I
PFM = 112 mA + VBATT / 20Ω.
Once the PMOS power switch is turned off, the NMOS power
switch is turned on until the inductor current ramps to zero.
When the NMOS zero-current condition is detected, the
NMOS power switch is turned off. If the output voltage is be-
low the ‘high’ PFM comparator threshold (see Figure 6), the
PMOS switch is again turned on and the cycle is repeated
until the output reaches the desired level. Once the output
reaches the ‘high’ PFM threshold, the NMOS switch is turned
on briefly to ramp the inductor current to zero and then both
output switches are turned off and the part enters an ex-
tremely low power mode. Quiescent supply current during this
‘sleep’ mode is 28µA (typ), which allows the part to achieve
high efficiency under extremely light load conditions.
If the load current should increase during PFM mode (see
Figure 6) causing the output voltage to fall below the ‘low2’
PFM threshold, the part will automatically transition into fixed-
frequency PWM mode.
When V
BATT = 2.7V the part transitions from PWM to PFM
mode at ~35 mA output current and from PFM to PWM mode
at ~95 mA , when V
BATT= 3.6V, PWM to PFM transition hap-
pens at ~42 mA and PFM to PWM transition happens at ~115
mA, when V
BATT = 4.5V, PWM to PFM transition happens at
~60 mA and PFM to PWM transition happens at ~135 mA.
30025526
FIGURE 6. Operation in PFM Mode and Transfer to PWM Mode
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com