Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATA6621 Datasheet HTML 10Page - ATMEL Corporation ATA6621 Datasheet HTML 11Page - ATMEL Corporation ATA6621 Datasheet HTML 12Page - ATMEL Corporation ATA6621 Datasheet HTML 13Page - ATMEL Corporation ATA6621 Datasheet HTML 14Page - ATMEL Corporation ATA6621 Datasheet HTML 15Page - ATMEL Corporation ATA6621 Datasheet HTML 16Page - ATMEL Corporation ATA6621 Datasheet HTML 17Page - ATMEL Corporation ATA6621 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
4887B–AUTO–01/06
ATA6621
After ramping up the battery voltage, the 5V regulator is switched on. The reset output NRES
stays low for the time t
reset (typically 10 ms), then it switches to high and the watchdog waits for
the watchdog sequence from the microcontroller. This lead time t
d follows after the reset and is
t
d = 49 ms. In this time, the first watchdog pulse from the microcontroller is required. If the trigger
pulse NTRIG (or PTRIG, as the case may be) occurs during this time, the time t
1 starts immedi-
ately. If no trigger signal occurs during the time t
d, a watchdog reset with tNRES = 1.96 ms will
reset the microcontroller after t
d = 49 ms. The times t1 and t2 have a fixed relationship with each
other. A triggering signal from the microcontroller is anticipated within the time frame of
t
2 = 10.5 ms. To avoid false triggering from glitches, the trigger pulse must be longer than
t
trigg > 3 µs. This slope serves to restart the watchdog sequence. Should the triggering signal fail
in this open window t
2, the NRES output will be drawn to ground after t2. A triggering signal dur-
ing the closed window t
1 causes NRES to immediately switch low.
Figure 3-8.
Timing Sequence with R
WD_OSC = 51 kΩ
3.16.2
Worst Case Calculation with R
WO_OSC = 51 kΩ
The internal oscillator has a tolerance of ±20%. This means that t
1 and t2 can also vary by ±20%.
The worst case calculation for the watchdog period T
wd the microcontroller has to provide is cal-
culated as follows.
The ideal watchdog time T
wd is between (t1maximum) and (t1 minimum plus t2 minimum).
t
1,min = 0.8 × t1 = 8 ms, t1,max = 1.2 × t1 = 12 ms
t
2,min = 0.8 × t2 = 8.4 ms, t2,max = 1.2 × t2 = 12.6 ms
T
wdmax = t1min + t2min = 8 ms + 8.4 ms = 16.4 ms
T
wdmin = t1max = 12 ms
T
wd = 14.2 ms ±2.2 ms (±15%)
A microcontroller with an oscillator tolerance of ±15% is sufficient to supply the trigger inputs
correctly within the time period of T
wd = 14.2 ms (±15%) in an application with Rwd_osc = 51 kΩ.
tnres = 1.9 ms
Undervoltage Reset
Watchdog Reset
treset = 10 ms
t1 = 10 ms
ttrigg > 3 µs
t2 = 10.5 ms
t2
t1
twd
td = 49 ms
VCC = 5V
PTRIG
NTRIG
NRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com