Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA6621 Datasheet HTML 17Page - ATMEL Corporation ATA6621 Datasheet HTML 18Page - ATMEL Corporation ATA6621 Datasheet HTML 19Page - ATMEL Corporation ATA6621 Datasheet HTML 20Page - ATMEL Corporation ATA6621 Datasheet HTML 21Page - ATMEL Corporation ATA6621 Datasheet HTML 22Page - ATMEL Corporation ATA6621 Datasheet HTML 23Page - ATMEL Corporation ATA6621 Datasheet HTML 24Page - ATMEL Corporation ATA6621 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
4887B–AUTO–01/06
ATA6621
12
Watchdog Input PTRIG and NTRIG
12.1
Watchdog input high-
level threshold
V_H
PTRIG
3.5
V
A
12.2
Watchdog input low
threshold
V_LPTRIG
1.5
V
A
12.3
Internal pull down PTRIG
Internal pull down PTRIG
Rpd
PTRIG
RpuNTRIG
125
200
k
Ω
A
13
Watchdog Oscillator
13.1
Voltage at WD_OSC in
Normal Mode
I
WD_OSC = –250 µA
V
WD_OSC
2.3
2.5
2.7
V
A
13.2
Possible values of
resistor
ROSC
10
120
k
Ω
A
13.3
Oscillator period
R
OSC = 10 kΩ
t
OSC
2.1
2.6
3.1
µs
A
13.4
Oscillator period
R
OSC = 51 kΩ
t
OSC
10
12.5
15
µs
A
13.5
Oscillator period
R
OSC = 91 kΩ
t
OSC
17.9
22.4
26.8
µs
A
13.6
Oscillator period
R
OSC = 120 kΩ
t
OSC
23.2
29
34.8
µs
A
14
Watchdog Timing Relative to t
OSC
14.1
Watchdog lead time after
reset
t
d
3922
cycles
A
14.2
Watchdog closed
window
t
1
800
cycles
A
14.3
Watchdog open window
t
2
840
cycles
A
14.4
Watchdog reset time
NRES
tnres
157
cycles
A
15
Temperature Monitor at Pin TEMP
15.1
Voltage at TEMP in
Normal Mode
(T = –40°C)
ITEMP = ±3 µA
VTEMP
2.35
2.7
V
A
15.1
Voltage at TEMP in
Normal Mode (T = 27°C)
ITEMP = ±3 µA
VTEMP
2.0
2.35
V
A
15.1
Voltage at TEMP in
Normal Mode
(T = 125°C)
ITEMP = ±3 µA
VTEMP
1.4
1.9
V
A
15.2
Short current at TEMP
VTEMP = 0V
I
TEMP
–30
–15
µA
A
15.3
Temperature gradient
V
TC,TEMP
–5.4
mV/k
C
16
Wake Pin
16.1
High-level input voltage
V
WAKEH
V
S – 1V
V
S + 0.3V
V
A
16.2
Low-level input voltage
Initializes a wake-up signal
V
WAKEL
–27
V
S – 3.3V
V
A
16.3
Wake pull-up current
V
S < 27V, VWake = 0V
I
WAKE
–30
–10
µA
A
16.4
High-level leakage
current
V
S = 27V; VWake = 27V
I
WAKEL
–5
+5
µA
A
5.
Electrical Characteristics (Continued)
5V < VS < 18V, Tamb = –40°C to +125°C
No.
Parameters
Test Conditions
Pin
Symbol
Min
Typ
Max
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com