Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6621 Datasheet HTML 2Page - ATMEL Corporation ATA6621 Datasheet HTML 3Page - ATMEL Corporation ATA6621 Datasheet HTML 4Page - ATMEL Corporation ATA6621 Datasheet HTML 5Page - ATMEL Corporation ATA6621 Datasheet HTML 6Page - ATMEL Corporation ATA6621 Datasheet HTML 7Page - ATMEL Corporation ATA6621 Datasheet HTML 8Page - ATMEL Corporation ATA6621 Datasheet HTML 9Page - ATMEL Corporation ATA6621 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
4887B–AUTO–01/06
ATA6621
3.12
Modes of Operation
Figure 3-1.
Modes of Operation
3.12.1
Normal Mode
This is the normal transmitting and receiving mode. The voltage regulator is in normal mode and
can source 50 mA. The undervoltage detection is activated. The watchdog needs a trigger signal
from PTRIG or NTRIG to avoid resets at NRES.
3.12.2
Silent Mode
A falling edge at EN while TXD is high switches the IC into Silent Mode. The TXD signal has to
be logic high during the Mode Select window (Figure 3-2 on page 7). For EN and TXD either two
independent outputs can be used, or two outputs from the same microcontroller port; in the sec-
ond case, the mode change is only one command. In Silent Mode, the transmission path is
disabled. Supply current from V
Bat is typically IVSsi = 40 µA with no load at the VCC regulator.
The overall supply current from V
Bat is the addition of 40 µA plus the VCC regulator output current
I
VCCs.
Unpowered Mode, VBat = 0V
Pre Normal Mode
VCC: 5V/50 mA with undervoltage reset
Communication: OFF
Go to sleep command
Local wake-up event
Local wake-up event
Go to silent command
TXD = 0
EN = 0
EN = 1
EN = 1
TXD = 1
EN = 0
EN = 0
b
a
c + d
c + d
b
b
b
a: VS > 5V
b: VS < 4V
c: Bus wake-up event
d: Wake-up from wake-up switch
Sleep Mode
VCC: switched off
Communication: Off
Normal Mode
VCC: 5V ±7%/50 mA
with undervoltage reset
Communication: OFF
Normal Mode
VCC: 5V ±2%/50 mA
with undervoltage
reset
Communication: On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com