Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6621 Datasheet HTML 1Page - ATMEL Corporation ATA6621 Datasheet HTML 2Page - ATMEL Corporation ATA6621 Datasheet HTML 3Page - ATMEL Corporation ATA6621 Datasheet HTML 4Page - ATMEL Corporation ATA6621 Datasheet HTML 5Page - ATMEL Corporation ATA6621 Datasheet HTML 6Page - ATMEL Corporation ATA6621 Datasheet HTML 7Page - ATMEL Corporation ATA6621 Datasheet HTML 8Page - ATMEL Corporation ATA6621 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
4887B–AUTO–01/06
ATA6621
Figure 1-1.
Block Diagram
16
VCC
VCC
VS
Adjustable
Watchdog
Oscillator
Short Circuit and
Overtemperature
Protection
TXD
Time-out
Timer
Debounce
Time
Internal Testing
Unit
Control Unit
Slew Rate Control
Wake-up Bus Timer
Standby Mode
Undervoltage
Reset
Normal Mode
5V ± 2%/50 mA
Silent Mode
5V ± 7%/50 mA
Filter
Watchdog
OUT
14
1
5
17
11
RXD
GND
GND
NTRIG
PTRIG
TM
MODE
TEMP
EN
TXD
WAKE
Receiver
9
4
15
13
3
2
VCC
VCC
Normal
Mode
18
19
12
7
20
LIN
WD_OSC
NRES
PVCC
VCC
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com