Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA6621 Datasheet HTML 14Page - ATMEL Corporation ATA6621 Datasheet HTML 15Page - ATMEL Corporation ATA6621 Datasheet HTML 16Page - ATMEL Corporation ATA6621 Datasheet HTML 17Page - ATMEL Corporation ATA6621 Datasheet HTML 18Page - ATMEL Corporation ATA6621 Datasheet HTML 19Page - ATMEL Corporation ATA6621 Datasheet HTML 20Page - ATMEL Corporation ATA6621 Datasheet HTML 21Page - ATMEL Corporation ATA6621 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
4887B–AUTO–01/06
ATA6621
4EN Input Pin
4.1
Low-level voltage input
VENL
–0.3
+1.5
V
A
4.2
High-level voltage input
V
ENH
3.5
VCC +
0.3V
VA
4.3
Pull-down resistor
V
EN = 5V
R
EN
125
250
600
k
Ω
A
4.4
Low-level input current
V
EN = 0V
I
EN
–3
+3
µA
A
5
NRES Output Pin
5.1
High-level output voltage
V
S ≥ 5.5V;
I
nres = –1 mA
VNRESH
4.2
V
A
5.2
Low-level output voltage
V
S ≥ 5.5V;
Inres = –1 mA
V
NRESL
0.4
V
A
5.3
Low-level output low
10 k
Ω to VCC;
V
CC = 0.8V
V
NRESLL
0.3
V
A
5.4
Undervoltage reset time
V
VS ≥ 5.5V
C
NRES = 20 pF
treset
713
ms
A
5.5
Reset debounce time for
falling edge
V
VS ≥ 5.5V
CNRES = 20 pF
t
res_f
5µs
A
6
Voltage Regulator VCC Pin in Normal and Pre Normal Mode
6.1
Output voltage VCC
5.5V < VS < 18V
(0 mA to 50 mA)
VCC
nor
4.9
5.1
V
A
6.2
Output voltage VCC at
low VS
3.3V < VS < 5.5V
VCClow
V
VS
– VD
5.1
V
A
6.3
Regulator drop voltage
VS > 4.0V, IVCC = –20 mA
VD1
250
mV
A
6.4
Regulator drop voltage
VS > 4.0V, IVCC = –50 mA
VD2
500
mV
A
6.5
Regulator drop voltage
VS > 3.3V, IVCC = –15 mA
VD3
200
mV
A
6.6
Output current
VS > 3V
IVCC
–50
mA
A
6.7
Output current limitation
VS > 0V
IVCCs
–200
–130
mA
A
6.8
Load capacity
1
Ω < ESR < 5Ω
Cload
1.8
2.2
µF
D
6.9
VCC undervoltage
threshold
Referred to VCC
VS > 5.5V
V
thunN
4.4
4.8
V
A
6.10
Hysteresis of
undervoltage threshold
Referred to VCC
V
S > 5.5V
Vhysthun
40
mV
A
6.11
Ramp up time V
S > 5.5V
to VCC > 4.9V
C
VCC = 2.2 µF
Rload at VCC: 100Ω
tVCC
12
ms
A
7
Voltage Regulator VCC Pin in Silent Mode
7.1
Output voltage VCC
5.5V < VS < 18V
(0 mA to 50 mA)
VCC
nor
4.65
5.35
V
A
7.2
Output voltage VCC at
low VS
3.3V < VS < 5.5V
VCClow
VVS
– V
D
5.1
V
A
7.3
Regulator drop voltage
V
S > 3.3V, IVCC = –15 mA
V
D
200
mV
A
5.
Electrical Characteristics (Continued)
5V < VS < 18V, Tamb = –40°C to +125°C
No.
Parameters
Test Conditions
Pin
Symbol
Min
Typ
Max
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com