Electronic Components Datasheet Search
  English  ▼

X  

ATA6621 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA6621
Description  LIN Transceiver with 5V Regulator and Watchdog
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6621 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA6621 Datasheet HTML 1Page - ATMEL Corporation ATA6621 Datasheet HTML 2Page - ATMEL Corporation ATA6621 Datasheet HTML 3Page - ATMEL Corporation ATA6621 Datasheet HTML 4Page - ATMEL Corporation ATA6621 Datasheet HTML 5Page - ATMEL Corporation ATA6621 Datasheet HTML 6Page - ATMEL Corporation ATA6621 Datasheet HTML 7Page - ATMEL Corporation ATA6621 Datasheet HTML 8Page - ATMEL Corporation ATA6621 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
4887B–AUTO–01/06
ATA6621
2.
Pin Configuration
Figure 2-1.
Pinning QFN20
67
8
10
9
20
19
18
MLP 5 mm
× 5 mm
0.65 mm pitch
20 lead
ATA6621
16
11
12
13
14
15
TXD
NRES
WD_OSC
TM
MODE
GND
WAKE
NTRIG
PTRIG
EN
5
4
3
2
1
17
Table 2-1.
Pin Description
Pin
Symbol
Function
1
EN
Enables the device into Normal Mode
2
PTRIG
High-level watchdog trigger input from microcontroller; if not needed, leave open or connect to GND
3
NTRIG
Low-level watchdog trigger input from microcontroller; if not needed, leave open or connect to VCC
4
WAKE
High-voltage input for local wake-up request; if not needed, connect to VS
5
GND
System ground
6
NC
Not connected
7
LIN
LIN bus line input/output
8
NC
Not connected
9
RXD
Receive data output
10
NC
Not connected
11
TXD
Transmit data input; active low output (strong pull down) after a local wake-up request
12
NRES
Output undervoltage and watchdog reset
13
WD_OSC
Watchdog oscillator
14
TM
For factory testing only (tie to ground)
15
MODE
For factory testing only (tie to ground)
16
GND
Additional ground
17
TEMP
Chip temperature output pin
18
PVCC
5V regulator sense input pin
19
VCC
5V regulator output/driver pin
20
VS
Battery supply
Backside
Heat slug is connected to GND (pin 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com