Electronic Components Datasheet Search
  English  ▼

X  

DP83231 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83231
Description  CRD Device (FDDI Clock Recovery Device)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83231 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83231 Datasheet HTML 1Page - National Semiconductor (TI) DP83231 Datasheet HTML 2Page - National Semiconductor (TI) DP83231 Datasheet HTML 3Page - National Semiconductor (TI) DP83231 Datasheet HTML 4Page - National Semiconductor (TI) DP83231 Datasheet HTML 5Page - National Semiconductor (TI) DP83231 Datasheet HTML 6Page - National Semiconductor (TI) DP83231 Datasheet HTML 7Page - National Semiconductor (TI) DP83231 Datasheet HTML 8Page - National Semiconductor (TI) DP83231 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
20 Functional Description
The DP83231 uses two phase locked loops (PLL’s) to per-
form the clock recovery function The function of the first
PLL is to establish a 250 MHz Voltage Controlled Oscillator
(VCO) with a narrow frequency range which can be pulled
by the second PLL The function of the second PLL is to
force this same VCO to track the incoming data so that a
Receive Clock output and a data synchronizing flip-flop can
be driven from it Operation of the VCO at 250 MHz ensures
that the received clock output operating at half of the VCO
frequency has a 50% duty cycle waveform independent of
any VCO waveform dissymmetry
The first PLL uses a 1041666 MHz crystal as a pullable
frequency reference to generate the 250 MHz VCO The
limited frequency pulling range of the crystal ensures that
the capture range of the 250 MHz VCO is limited to less
than 01% of the specified data transition rate thus elimi-
nating the possibility of fractional or harmonic lock up
modes The output of the VCO is divided by twenty four and
applied to the feedback input of the phase detector in the
first PLL The phase detector compares the phase of the
VCO divided by twenty four signal against the phase of the
crystal to maintain VCO lock at 250 MHz If the phase tran-
sition of the signal derived from the VCO arrives at the
phase detector before that of the crystal the charge pump
circuitry will apply a negative current pulse to the VCO FLTR
node who’s width is proportional to the phase error The
charge pulled out of the filter capacitors will drive the volt-
age applied to the VCO downward This reduction in the
VCO’s control voltage will slow down the frequency of the
VCO and will appear during successive cycles to reduce the
VCO’s phase and frequency error As the frequency of the
crystal varies in response to the second PLL the frequency
of the 250 MHz VCO will change in an attempt to remain
24 times the crystal’s frequency
The second PLL delays the phase transitions of the select-
ed incoming stream of data (DATAg or LBDg) and then
compares them against the phase transitions of a gated
125 MHz signal derived from the 250 MHz VCO The de-
layed incoming data is applied to the reference input of a
phase detector and the gated VCO signal is applied to it’s
feedback input If the positive and negative phase tran-
sitions of the incoming data do not line up with the phase
transitions of the gate VCO signal the charge pump circuitry
associated with that phase detector will apply current pulses
to the OSC FLTRg nodes which are proportional to the
phase error The change in the charge on the filter capaci-
tors will modify the reverse bias on the varactors in the crys-
tal’s tank circuit thus causing the frequency of the
1041666 MHz crystal (and consequently the VCO) to shift
in the direction which will reduce their phase error When
the phase of the VCO and the incoming data are aligned a
VCO divided by two signal can be used as the Receive
Clock output Because the two PLL’s share a common VCO
feedback path the cutoff frequency of the loop filters asso-
ciated with the second PLL are specified to be approximate-
ly 10 times lower than the cutoff frequency of the first PLL to
prevent instability between the two loops
The delay line associated with the second PLL precisely
centers the data transitions within the data window The de-
lay line remains accurate independent of temperature pow-
er supply IC process variation or external components The
design also ensures that the charge pump up and down
circuits both produce an active pulse at each zero phase
crossing when in lock to guarantee a linear phase detector
gain characteristic
The CRD continually monitors the data frequency at the se-
lected data inputs If this input frequency drops below
the
minimum allowed frequency (about 3 MHz) the CRD resets
itself by internally deasserting CRD-EN This centers the
crystal frequency and restarts the internal VCO
The CRD EN pin is provided to initialize the CLK DET circuit-
ry and enable the crystal to track incoming data The part is
enabled when this pin is active High Deassertion of this pin
will cause the CLK DET circuitry and the OSC FLTR g pins
to be disabled in a manner similar to when legitimate data is
not being received Deassertion of the CRD EN pin also
momentarily causes (1 ms) the VCO FLTR pin to be pulled
to ground and stops the VCO and RXC g outputs After this
time the VCO will be restarted and its output frequency will
climb quickly to approximately 250 MHz
The device is capable of locking on to a stream of Halt or
Master line states in less than 100 ms when using a
1041666 MHz crystal to govern the 250 MHz VCO Lock on
time for a stream of Idle line states is less than 10 ms once
Halt or Master line status is obtained During quiet line con-
ditions the chip will output a continual stream of Received
Clock whose frequency will be within less than 01% of the
upstream station’s data rate The Received Data outputs
are always active Prior to the CLK DET output transitioning
active High the Received Data outputs may issue invalid
data (see Typical Waveforms) When the device is locked
Received Data is presented on the falling edge of the Re-
ceive Clock output insuring sufficient setup and hold margin
for the receiving device
An ECL to TTL translator is provided on the chip to convert
the FORX’s ECL signal detect output level to TTL for use by
the PLAYER device
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com