Electronic Components Datasheet Search
  English  ▼

X  

DP83231 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83231
Description  CRD Device (FDDI Clock Recovery Device)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83231 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83231 Datasheet HTML 1Page - National Semiconductor (TI) DP83231 Datasheet HTML 2Page - National Semiconductor (TI) DP83231 Datasheet HTML 3Page - National Semiconductor (TI) DP83231 Datasheet HTML 4Page - National Semiconductor (TI) DP83231 Datasheet HTML 5Page - National Semiconductor (TI) DP83231 Datasheet HTML 6Page - National Semiconductor (TI) DP83231 Datasheet HTML 7Page - National Semiconductor (TI) DP83231 Datasheet HTML 8Page - National Semiconductor (TI) DP83231 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLF10384
February 1991
DP83231 CRDTM Device
(FDDI Clock Recovery Device)
General Description
The DP83231 CRD device is a clock recovery device that
has been designed for use in 100 Mbps FDDI (Fiber Distrib-
uted Data Interface) networks The device receives serial
data from a Fiber Optic Receiver in differential ECL NRZI
4B5B group code format and outputs resynchronized NRZI
received data and a 125 MHz received clock in differential
ECL format for use by the DP8325155 PLAYERTM device
Features
Y
Clock recovery at 100 Mbps data rate
Y
Internal 250 MHz VCO
01% VCO operating range
Crystal controlled
Y
Precision window centering delay line
Y
Single a5V supply
Y
28-pin PLCC package
Y
BiCMOS processing
TLF10384 – 1
FIGURE 1-1 FDDI Chip Set Block Diagram
TRI-STATE
is a registered trademark of National Semiconductor Corporation
BSITM BMACTM PLAYERTM CDDTM and CRDTM are trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP83231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83220 NSC-DP83220 Datasheet
136Kb / 10P
CDL Twisted Pair FDDI Transceiver Device
DP83222 NSC-DP83222 Datasheet
179Kb / 12P
CYCLONE Twisted Pair FDDI Stream Cipher Device
DP83223 NSC-DP83223 Datasheet
93Kb / 14P
TWISTER High Speed Networking Transceiver Device
DP83223V NSC-DP83223V Datasheet
93Kb / 14P
TWISTER High Speed Networking Transceiver Device
DP83223VBE NSC-DP83223VBE Datasheet
93Kb / 14P
TWISTER High Speed Networking Transceiver Device
More results

Similar Description - DP83231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83256 NSC-DP83256 Datasheet
996Kb / 144P
PLAYERa??Device (FDDI Physical Layer Controller)
DP83265BSI NSC-DP83265BSI Datasheet
2Mb / 77P
BSI??Device (FDDI System Interface)
DP83261 NSC-DP83261 Datasheet
1Mb / 132P
BMAC Device (FDDI Media Access Controller)
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
CDD Device (FDDI Clock Distribution Device)
DP83251 NSC-DP83251 Datasheet
657Kb / 96P
PLAYER Device (FDDI Physical Layer Controller)
DP83220 NSC-DP83220 Datasheet
136Kb / 10P
CDL Twisted Pair FDDI Transceiver Device
DP83222 NSC-DP83222 Datasheet
179Kb / 12P
CYCLONE Twisted Pair FDDI Stream Cipher Device
logo
Texas Instruments
TNETA1622 TI1-TNETA1622 Datasheet
89Kb / 5P
622.08-MHz CLOCK-RECOVERY DEVICE
DP83256 TI1-DP83256_11 Datasheet
1Mb / 146P
PLAYER(TM) Device (FDDI Physical Layer Controller)
logo
Integrated Device Techn...
894D115I-04 IDT-894D115I-04 Datasheet
240Kb / 15P
Clock/Data Recovery Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com